Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495X477004AE060 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T495X477004AE060
Description  Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495X477004AE060 Datasheet(HTML) 1 Page - Kemet Corporation

  T495X477004AE060 Datasheet HTML 1Page - Kemet Corporation T495X477004AE060 Datasheet HTML 2Page - Kemet Corporation T495X477004AE060 Datasheet HTML 3Page - Kemet Corporation T495X477004AE060 Datasheet HTML 4Page - Kemet Corporation T495X477004AE060 Datasheet HTML 5Page - Kemet Corporation T495X477004AE060 Datasheet HTML 6Page - Kemet Corporation T495X477004AE060 Datasheet HTML 7Page - Kemet Corporation T495X477004AE060 Datasheet HTML 8Page - Kemet Corporation T495X477004AE060 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2009_T495 • 10/7/2013
1
One world. One KEMET
Benefits
• Meets or exceeds EIA Standard 535BAAC
• Taped and reeled per EIA 481–1
• High surge current capability
• Optional gold-plated terminations
• High ripple current capability
• 100% surge current test on C, D, E, U, V, X sizes
• 100% steady-state accelerated aging
• Capacitancevaluesof0.1μFto1,000μF
• Tolerances of ±10% and ±20%
• Voltage rating of 2.5 – 50 VDC
• Extended range values
• Available tested to DSCC 95158
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof-55˚Cto+125˚C
Applications
Typicalapplicationsincludedecouplingandfilteringinindustrial
and automotive end applications, such as DC/DC converters,
portable electronics, telecommunications, and control units
requiring high ripple current capability.
Overview
The low ESR, surge-robust T495 Series is designed for
demanding applications that require high surge current and
high ripple current capability. This series builds upon the proven
capabilities of our industrial grade tantalum chip capacitors
to offer several advantages such as low ESR, high ripple
current capability, excellent capacitance stability, and improved
resistancetohighin-rushcurrents.Thesebenefitsareachieved
though a combination of proprietary design, materials, and process
parameters as well as high-stress, low impedance electrical
conditioning performed prior to screening.
Low ESR MnO
2 Tantalum & Aluminum Surface Mount Capacitors
T495 Surge Robust Low ESR MnO
2 Series
Environmental Compliance
RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn Solder
SPICE
Foradetailedanalysisofspecificpartnumbers,pleasevisitwww.kemet.comforafreedownloadofKEMET'sSPICEsoftware.
The KEMET SPICE program is freeware intended to aid design engineers in analyzing the performance of these capacitors over
frequency, temperature, ripple, and DC bias conditions.


Similar Part No. - T495X477004AE060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X477K006ATE030 KEMET-T495X477K006ATE030 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 470 uF, 10%, 6.3 V, 7343, SMD, MnO2, Molded, Low ESR, 30 mOhms, Height Max = 4.3mm
T495X477K006ATE050 KEMET-T495X477K006ATE050 Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, Low ESR, 470 uF, 7343, /-10% Tol, 6.3 VDC (85C)
T495X477K006ATE065 KEMET-T495X477K006ATE065 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 470 uF, 10%, 6.3 V, 7343, SMD, MnO2, Molded, Low ESR, 65 mOhms, Height Max = 4.3mm
T495X477K010ATE045 KEMET-T495X477K010ATE045 Datasheet
480Kb / 4P
   T495, Tantalum, MnO2 Tantalum, 470 uF, 10%, 10 VDC, SMD, MnO2, Molded, Low ESR, 45 mOhms, 7343, Height Max = 4.3mm
T495X477K010ATE100 KEMET-T495X477K010ATE100 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 470 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, 4.3mm
More results

Similar Description - T495X477004AE060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X226M025ATE225 KEMET-T495X226M025ATE225 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476M035ATE300 KEMET-T495X476M035ATE300 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495C107K016ZTE200 KEMET-T495C107K016ZTE200 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
T495D226K035ATE250 KEMET-T495D226K035ATE250 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
T495A335M016ATE3K0 KEMET-T495A335M016ATE3K0 Datasheet
2Mb / 25P
   T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X107K020ZTE150 KEMET-T495X107K020ZTE150 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO
T494A225K020AT KEMET-T494A225K020AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com