Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C150A Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS370C150A
Description  8-BIT MICROCONTROLLER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C150A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS370C150A Datasheet HTML 4Page - Texas Instruments TMS370C150A Datasheet HTML 5Page - Texas Instruments TMS370C150A Datasheet HTML 6Page - Texas Instruments TMS370C150A Datasheet HTML 7Page - Texas Instruments TMS370C150A Datasheet HTML 8Page - Texas Instruments TMS370C150A Datasheet HTML 9Page - Texas Instruments TMS370C150A Datasheet HTML 10Page - Texas Instruments TMS370C150A Datasheet HTML 11Page - Texas Instruments TMS370C150A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
modes (continued)
Reduces external interface decode logic by using the precoded chip select outputs that provide direct
memory/peripheral chip select or chip enable functions.
Function A maps up to 112K bytes of external memory into the address space by using CSE1, CSE2,
CSH1, CSH2, and CSH3 as memory-bank selects under software control.
Function B maps up to 40K bytes of external memory into the address space by using EDS under
software control.
D Microprocessor without internal program memory mode:
Ports A, B, C, and D (these ports are not programmable) become the address, data, and control buses
for interface to external memory and peripherals.
On-chip RAM and data EEPROM remain active, while the on-chip ROM or EPROM is disabled.
Program area and the reset, interrupt, and trap vectors are located in off-chip memory locations.
D Microprocessor with internal program memory mode:
Configured as the microprocessor without internal program memory mode with respect to the external
bus interface.
Application program in external memory enables the internal program ROM or EPROM to be active in
the system. (Writing a zero to the MEMORY DISABLED control bit (SCCR1.2) of the SCCR1 control
register accomplishes this.)
memory/peripheral wait operation
The TMS370Cx5x enhances interface flexibility by providing WAIT-state support, decoupling the cycle time of
the CPU from the read/write access of the external memory or peripherals. External devices can extend the
read/write accesses indefinitely by placing an active low on the WAIT-input pin. The CPU continues to wait as
long as WAIT remains active.
Programmable automatic wait-state generation also is provided by the TMS370Cx5x on-chip bus controller.
Following a hardware reset, the TMS370Cx5x is configured to add one wait state to all external bus transactions
and memory and peripheral accesses automatically, thus making every external access a minimum of three
system-clock cycles. The designer can disable the automatic wait-state generation if the AUTOWAIT DISABLE
bit in SCCR1 is set to 1. Also, all accesses to the upper four frames of the peripheral file can be extended
independently to four system clock cycles if the PF AUTO WAIT bit in SCCR0 is set to one. Programmable wait
states can be used in conjunction with the external WAIT pin. In applications where the external device
read/write access can interface with the TMS370Cx5x CPU using one wait state, the automatic wait-state
generation can eliminate external WAIT interface logic, lowering system cost.


Similar Part No. - TMS370C150A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C150A TI-TMS370C150A Datasheet
1Mb / 77P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C150AYYZ TI-TMS370C150AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C150A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com