Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6133A2RTJR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6133A2RTJR
Description  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6133A2RTJR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA6133A2RTJR Datasheet HTML 4Page - Texas Instruments TPA6133A2RTJR Datasheet HTML 5Page - Texas Instruments TPA6133A2RTJR Datasheet HTML 6Page - Texas Instruments TPA6133A2RTJR Datasheet HTML 7Page - Texas Instruments TPA6133A2RTJR Datasheet HTML 8Page - Texas Instruments TPA6133A2RTJR Datasheet HTML 9Page - Texas Instruments TPA6133A2RTJR Datasheet HTML 10Page - Texas Instruments TPA6133A2RTJR Datasheet HTML 11Page - Texas Instruments TPA6133A2RTJR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
-80
-70
-60
-50
-40
-30
-20
-10
0
20
200
2k
20k
Frequency (Hz)
VDD = 2.5V
VDD = 3.6V
VDD = 5.0V
C010
V
o = 0.1Vrms
R
L = 32Ÿ
C
i = 1µF
Stereo
-80
-70
-60
-50
-40
-30
-20
-10
0
20
200
2k
20k
Frequency (Hz)
VDD = 2.5V
VDD = 3.6V
VDD = 5.0V
C010
V
o = 1Vrms
R
L = 16Ÿ
C
i = 1µF
Stereo
-80
-70
-60
-50
-40
-30
-20
-10
0
20
200
2k
20k
Frequency (Hz)
VDD = 2.5V
VDD = 3.6V
VDD = 5.0V
C010
V
o = 1Vrms
R
L = 32Ÿ
C
i = 1µF
Stereo
TPA6133A2
SLOS821 – JUNE 2013
www.ti.com
COMMON MODE REJECTION RATIO
CROSSTALK
CROSSTALK
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
8
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPA6133A2


Similar Part No. - TPA6133A2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6133A2RTJR TI1-TPA6133A2RTJR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2RTJR TI1-TPA6133A2RTJR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results

Similar Description - TPA6133A2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com