Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6133A2RTJT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6133A2RTJT
Description  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6133A2RTJT Datasheet(HTML) 4 Page - Texas Instruments

  TPA6133A2RTJT Datasheet HTML 1Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 2Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 3Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 4Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 5Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 6Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 7Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 8Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TPA6133A2
SLOS821 – JUNE 2013
www.ti.com
PIN FUNCTIONS (continued)
PIN
INPUT,
OUTPUT,
DESCRIPTION
NAME
PIN QFN
POWER
TEST2
7
I
Factory test pins. Pull up to VDD supply. See Applications Diagram.
TEST1
8
I
Factory test pins. Pull up to VDD supply. See Applications Diagram.
HPRIGHT
11
O
Headphone light channel output. Connect to the right terminal of the headphone jack.
Solder the thermal pad on the bottom of the QFN package to the GND plane of the
Thermal pad
Die Pad
P
PCB. It is required for mechanical stability and will enhance thermal performance.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range, TA = 25°C (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VDD
–0.3
6
V
CPVSS-0.2 V to minimum of
RIGHTINx, LEFTINx
(3.6 V, VDD+0.2 V)
Input voltage
SD, TEST1, TEST2
–0.3
7
V
Output continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
–40
150
°C
Storage temperature range, Tstg
–65
150
°C
ESD Protection
HBM
3
kV
Minimum Load Impedance
12.8
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS TABLE
TA ≤ 25°C
DERATING
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
FACTOR(1) (2)
POWER RATING
POWER RATING
RTJ
4100 mW
41 mW/°C
2250 mW
1640 mW
(1)
Derating factor measured with JEDEC High K board: 1S2P - One signal layer and two plane layers.
(2)
See JEDEC Standard 51-3 for Low-K board, JEDEC Standard 51-7 for High-K board, and JEDEC
Standard 51-12 for using package thermal information. Please see JEDEC document page for
downloadable copies: http://www.jedec.org/download/default.cfm.
AVAILABLE OPTIONS
TA
PACKAGED DEVICES(1)
PART NUMBER
SYMBOL
–40°C to 85°C
20-pin, 4 mm × 4 mm QFN
TPA6133A2RTJ(2)
SIZ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The RTJ package is only available taped and reeled. To order, add the suffix “R” to the end of the part number for a reel of 3000, or add
the suffix “T” to the end of the part number for a reel of 250 (that is, TPA6133A2RTJR).
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, VDD
2.5
5.5
V
VIH
High-level input voltage
TEST1, TEST2, SD
1.3
V
VIL
Low-level input voltage
SD
0.35
V
TA
Operating free-air temperature
–40
85
°C
4
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPA6133A2


Similar Part No. - TPA6133A2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6133A2RTJT TI1-TPA6133A2RTJT Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2RTJT TI1-TPA6133A2RTJT Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results

Similar Description - TPA6133A2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com