Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6133A2RTJT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6133A2RTJT
Description  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6133A2RTJT Datasheet(HTML) 5 Page - Texas Instruments

  TPA6133A2RTJT Datasheet HTML 1Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 2Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 3Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 4Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 5Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 6Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 7Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 8Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TPA6133A2
www.ti.com
SLOS821 – JUNE 2013
ELECTRICAL CHARACTERISTICS
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
|VOS|
Output offset voltage
VDD = 2.5 V to 5.5 V, inputs grounded
135
400
μV
PSRR
DC Power supply rejection ratio VDD = 2.5 V to 5.5 V, inputs grounded
–101
-85
dB
CMRR
Common mode rejection ratio
VDD = 2.5 V to 5.5 V
–69
dB
TEST1, TEST2
1
|IIH|
High-level input current
VDD = 5.5 V, VI = VDD
µA
SD
10
|IIL|
Low-level input current
VDD = 5.5 V, VI = 0 V
SD
1
µA
VDD = 2.5 V to 5.5 V, SD = VDD
4.2
6
mA
IDD
Supply current
Shutdown mode, VDD = 2.5V to 5.5 V, SD = 0 V
0.08
1
µA
OPERATING CHARACTERISTICS
VDD = 3.6 V , TA = 25°C, RL = 16 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.5V
63
Stereo, Outputs out of phase,
PO
Output power
VDD = 3.6V
133
mW
THD = 1%, f = 1 kHz, Gain = +4 dB
VDD = 5V
142
f = 100 Hz
0.0096%
Total harmonic distortion
THD+N
PO = 35 mW
f = 1 kHz
0.007%
plus noise
f = 20 kHz
0.0021%
200 mVpp ripple, f = 217 Hz
-94.3
-85
kSVR
Supply ripple rejection ratio
200 mVpp ripple, f = 1 kHz
-92
dB
200 mVpp ripple, f = 20 kHz
-77.1
Av
Channel DC Gain
SD = VDD
1.597
V/V
ΔAv
Gain matching
0.1
%
Slew rate
0.4
V/µs
Vn
Noise output voltage
VDD = 3.6V, A-weighted, Gain = +4 dB
12
µVRMS
Charge pump switching
fosc
300
381
500
kHz
frequency
Start-up time from shutdown
4.8
ms
Differential input impedance
36.6
k
SNR
Signal-to-noise ratio
Po = 35 mW
93
dB
Threshold
180
°C
Thermal shutdown
Hysteresis
35
°C
HW Shutdown HP output
ZO
SD = 0 V, measured output to ground.
112
impedance
CO
Output capacitance
80
pF
Copyright © 2013, Texas Instruments Incorporated
5
Product Folder Links: TPA6133A2


Similar Part No. - TPA6133A2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6133A2RTJT TI1-TPA6133A2RTJT Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2RTJT TI1-TPA6133A2RTJT Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results

Similar Description - TPA6133A2RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com