Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2543-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2543-Q1
Description  USB Charging Port Controller and Power Switch with Load Detection
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2543-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2543-Q1 Datasheet HTML 4Page - Texas Instruments TPS2543-Q1 Datasheet HTML 5Page - Texas Instruments TPS2543-Q1 Datasheet HTML 6Page - Texas Instruments TPS2543-Q1 Datasheet HTML 7Page - Texas Instruments TPS2543-Q1 Datasheet HTML 8Page - Texas Instruments TPS2543-Q1 Datasheet HTML 9Page - Texas Instruments TPS2543-Q1 Datasheet HTML 10Page - Texas Instruments TPS2543-Q1 Datasheet HTML 11Page - Texas Instruments TPS2543-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
460
480
500
520
540
560
580
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VIN = 4.5 V
VIN = 5 V
VIN = 5.5 V
G003
0
500
1000
1500
2000
2500
3000
3500
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
RILIM_LO = 210 kΩ
RILIM_LO = 80.6 kΩ
RILIM_HI = 20 kΩ
RILIM_HI = 16.9 kΩ
G004
50
60
70
80
90
100
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G001
0
0.05
0.1
0.15
0.2
0.25
0.3
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G002
TPS2543-Q1
SLVSBW2 – MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS
POWER SWITCH ON RESISTANCE
REVERSE LEAKAGE CURRENT
vs
vs
TEMPERATURE
TEMPERATURE
Figure 1.
Figure 2.
OUT DISCHARGE RESISTANCE
OUT SHORT CIRCUIT CURRENT LIMIT
vs
vs
TEMPERATURE
TEMPERATURE
Figure 3.
Figure 4.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2543-Q1


Similar Part No. - TPS2543-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543RTER TI1-TPS2543RTER Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543RTET TI1-TPS2543RTET Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
More results

Similar Description - TPS2543-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
   USB Charging Port Controller and Load Detection Power Switch
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
   USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
   USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
1/18/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com