Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53316 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53316
Description  High-Efficiency, 5-A Step-Down Regulator with Integrated Switcher
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53316 Datasheet(HTML) 1 Page - Texas Instruments

  TPS53316 Datasheet HTML 1Page - Texas Instruments TPS53316 Datasheet HTML 2Page - Texas Instruments TPS53316 Datasheet HTML 3Page - Texas Instruments TPS53316 Datasheet HTML 4Page - Texas Instruments TPS53316 Datasheet HTML 5Page - Texas Instruments TPS53316 Datasheet HTML 6Page - Texas Instruments TPS53316 Datasheet HTML 7Page - Texas Instruments TPS53316 Datasheet HTML 8Page - Texas Instruments TPS53316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPS53316
VIN
SW
VIN
Output All MLCCs
UDG-11233
PGD
CBST
PGD
FB
COMP
VREG3
AGND
RF/OC
EN
PS
VBST
EN
PowerPad
2.9 V to 6 V
TPS53316
www.ti.com
SLUSAP5
– DECEMBER 2011
High-Efficiency, 5-A Step-Down Regulator with Integrated Switcher
Check for Samples: TPS53316
1
FEATURES
LOW VOLTAGE APPLICATIONS
2
96% Maximum Efficiency
Low-Voltage Applications for 5-V Step-Down
Rail
Continuous 5-A Output Current Capability
Low-Voltage Applications for 3.3-V Step-Down
Support all MLCC Output Capacitor
Rail
SmoothPWM
™ Auto-Skip Eco-mode™ for
Light-Load Efficiency
DESCRIPTION
Voltage Mode Control
TPS53316 provides a fully integrated 3.3-V or 5-V
Single Rail Input
input, synchronous buck converter with 16 total
components, in 200 mm2 of PCB area. Due to low
Selectable Frequency
RDS(on) and TI proprietary SmoothPWM™ skip mode
Selectable OCP Threshold
of operation, it enables 96% peak efficiency and over
Selectable Soft-Start Time
90% efficiency at load as light as 100 mA. It requires
2.9 V to 6.0 V Input Voltage Range
only two 22-
µF ceramic output capacitors for a
power-dense, 5-A solution.
Adjustable Output Voltage Ranging from 0.6 V
up to 0.8
× VIN
TPS53316 features 750-kHz, 1.1-MHz and 2-MHz
switching
frequency
selections,
pre-bias
startup,
Soft-Stop Output Discharge During Disable
selectable internal softstart, output soft discharge,
Overcurrent, Overvoltage and
Internal VBST switch, power good, EN/Input UVLO,
Over-Temperature Protection
overcurrent,
overvoltage,
undervoltage
and
over
Open-Drain Power Good Indication
temperature
protections
and
all
ceramic
output
capacitor support. It supports input voltages from 2.9
Internal Bootstrap Switch
V to 6.0 V and no extra bias voltage is needed. The
Supports Pre-Bias Start-Up Functionality
output voltage is adjustable from 0.6 V up to 0.8
×
Small 3
× 3, 16-Pin, QFN Package
VIN.
Low RDS(on), 22-mΩ with 3.3-V input and 18-mΩ
TPS53316 is available in the 3 mm
× 3 mm ,16-pin,
with 5-V Input
QFN package (Green RoHs compliant and Pb free)
and is specified from
–40°C to 85°C.
TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Eco-mode, SmoothPWM are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS53316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310RGTR TI1-TPS53310RGTR Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310RGTT TI1-TPS53310RGTT Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com