Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN85C256AFPI10E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HN85C256AFPI10E
Description  256k EEPROM (32-kword8-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN85C256AFPI10E Datasheet(HTML) 4 Page - Renesas Technology Corp

  HN85C256AFPI10E Datasheet HTML 1Page - Renesas Technology Corp HN85C256AFPI10E Datasheet HTML 2Page - Renesas Technology Corp HN85C256AFPI10E Datasheet HTML 3Page - Renesas Technology Corp HN85C256AFPI10E Datasheet HTML 4Page - Renesas Technology Corp HN85C256AFPI10E Datasheet HTML 5Page - Renesas Technology Corp HN85C256AFPI10E Datasheet HTML 6Page - Renesas Technology Corp HN85C256AFPI10E Datasheet HTML 7Page - Renesas Technology Corp HN85C256AFPI10E Datasheet HTML 8Page - Renesas Technology Corp HN85C256AFPI10E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HN58C256AI Series
R10DS0218EJ0100 Rev.1.00
Page 4 of 16
Oct 07, 2013
Operation Table
Operation
CE
OE
WE
I/O
Read
VIL
VIL
VIH
Dout
Standby
VIH
×*
1
×
High-Z
Write
VIL
VIH
VIL
Din
Deselect
VIL
VIH
VIH
High-Z
Write inhibit
×
×
VIH
×
VIL
×
Data polling
VIL
VIL
VIH
Dout (I/O7)
Program reset
×
×
×
High-Z
Note:
1. Don’t care
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power supply voltage relative to VSS
VCC
–0.6 to +7.0
V
Input voltage relative to VSS
Vin
–0.5*
1 to +7.0*3
V
Operating temperature range*
2
Topr
–40 to +85
°C
Storage temperature range
Tstg
–55 to +125
°C
Notes: 1. Vin min: –3.0 V for pulse width
≤ 50 ns
2. Including electrical characteristics and data retention
3. Should not exceed VCC + 1 V.
Recommended DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
VSS
0
0
0
V
Input voltage
VIL
–0.3*
1
0.6
V
VIH
3.0
VCC + 0.3*
2
V
Operating temperature
Topr
–40
+85
°C
Notes: 1. VIL min: –1.0 V for pulse width
≤ 50 ns
2. VIH max: VCC + 1.0 V for pulse width
≤ 50 ns


Similar Part No. - HN85C256AFPI10E

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
HN8550 SEMTECH-HN8550 Datasheet
335Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications??????
HN8550C SEMTECH-HN8550C Datasheet
335Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications??????
HN8550D SEMTECH-HN8550D Datasheet
335Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications??????
More results

Similar Description - HN85C256AFPI10E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV58256BXXN RENESAS-R1EV58256BXXN Datasheet
697Kb / 25P
   256K EEPROM (32-Kword 횞 8-bit)
HN58X25128FPIAG RENESAS-HN58X25128FPIAG_15 Datasheet
273Kb / 21P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A Datasheet
999Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASAS0I RENESAS-R1EX24256ASAS0I_10 Datasheet
725Kb / 26P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASA00I RENESAS-R1EX24256ASA00I Datasheet
173Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256BSAS0I RENESAS-R1EX24256BSAS0I Datasheet
997Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
HN58X24256AS RENESAS-HN58X24256AS Datasheet
389Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASAS0I RENESAS-R1EX24256ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
HN58X24256A RENESAS-HN58X24256A Datasheet
388Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com