Electronic Components Datasheet Search |
|
TAJB225020NJ Datasheet(PDF) 5 Page - AVX Corporation |
|
TAJB225020NJ Datasheet(HTML) 5 Page - AVX Corporation |
5 / 5 page TAJ Series Standard Tantalum Rated DCL DF ESR AVX Case Cap Voltage (μA) % Max. (Ω) MSL Part No. Size (μF) (V) Max. Max. @100kHz 50 Volt @ 85ºC (33 Volt @ 125ºC) TAJA104*050#NJ A 0.1 50 0.5 4 22 1 TAJA154*050#NJ A 0.15 50 0.5 4 15 1 TAJB154*050#NJ B 0.15 50 0.5 4 17 1 TAJA224*050#NJ A 0.22 50 0.5 4 18 1 TAJB224*050#NJ B 0.22 50 0.5 4 14 1 TAJA334*050#NJ A 0.33 50 0.5 4 17 1 TAJB334*050#NJ B 0.33 50 0.5 4 12 1 TAJA474*050#NJ A 0.47 50 0.5 4 9.5 1 TAJB474*050#NJ B 0.47 50 0.7 4 9.5 1 TAJC474*050#NJ C 0.47 50 0.5 4 8 1 TAJA684*050#NJ A 0.68 50 0.5 4 7.9 1 TAJB684*050#NJ B 0.68 50 0.5 4 8 1 TAJC684*050#NJ C 0.68 50 0.5 4 7 1 TAJA105M050#NJ A 1 50 0.5 4 6.6 1 TAJB105*050#NJ B 1 50 0.5 6 7 1 TAJC105*050#NJ C 1 50 0.5 4 5.5 1 TAJB155*050#NJ B 1.5 50 0.8 8 5.4 1 TAJC155*050#NJ C 1.5 50 0.8 6 4.5 1 TAJD155*050#NJ D 1.5 50 0.8 6 4 1 TAJB225*050#NJ B 2.2 50 1.1 8 4.5 1 TAJC225*050#NJ C 2.2 50 1.1 8 2.5 1 TAJD225*050#NJ D 2.2 50 1.1 6 2.5 1 TAJC335*050#NJ C 3.3 50 1.6 6 2.5 1 TAJD335*050#NJ D 3.3 50 1.7 6 2 1 TAJC475*050#NJ C 4.7 50 0.5 4 1.4 1 TAJD475*050#NJ D 4.7 50 2.4 6 1.4 1 TAJC685*050#NJ C 6.8 50 3.4 6 1 1 TAJD685*050#NJ D 6.8 50 3.4 6 1 1 TAJD106*050#NJ D 10 50 5 6 0.8 1 TAJE106*050#NJ E 10 50 5 6 1 1 1) TAJV106*050#NJ V 10 50 5 6 0.65 1 1) TAJD156*050#NJ D 15 50 7.5 6 0.6 1 TAJE156*050#NJ E 15 50 7.5 6 0.6 1 1) TAJV156*050#NJ V 15 50 7.5 6 0.6 1 1) TAJV226*050#NJ V 22 50 11 8 0.6 1 1) RATINGS & PART NUMBER REFERENCE 11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3. For AEC-Q200 availability, please contact AVX. Moisture Sensitivity Level (MSL) is defined according to J-STD-020. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. For typical weight and composition see page 150. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. 10 I SEPTEMBER 2013 |
Similar Part No. - TAJB225020NJ |
|
Similar Description - TAJB225020NJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |