Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7332-1833W6-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7332-1833W6-7
Description  DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7332-1833W6-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7332-1833W6-7 Datasheet HTML 1Page - Diodes Incorporated AP7332-1833W6-7 Datasheet HTML 2Page - Diodes Incorporated AP7332-1833W6-7 Datasheet HTML 3Page - Diodes Incorporated AP7332-1833W6-7 Datasheet HTML 4Page - Diodes Incorporated AP7332-1833W6-7 Datasheet HTML 5Page - Diodes Incorporated AP7332-1833W6-7 Datasheet HTML 6Page - Diodes Incorporated AP7332-1833W6-7 Datasheet HTML 7Page - Diodes Incorporated AP7332-1833W6-7 Datasheet HTML 8Page - Diodes Incorporated AP7332-1833W6-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AP7332
DUAL 300mA LOW QUIESCENT CURRENT FAST
TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7332
Document number: DS35132 Rev. 3 - 2
1 of 18
www.diodes.com
August 2011
© Diodes Incorporated
Description
The AP7332 is 300mA, dual fixed output voltage, low dropout
linear regulator. The AP7332 includes the pass element,
error amplifier, band-gap, current limit and thermal shutdown
circuitry which protect the IC from damage in fault conditions.
The AP7332 has two enable pins (EN1 and EN2) to
independently turn the respective channel on when a logic
high level is applied.
The characteristics of low dropout voltage and low quiescent
current make it suitable for low power applications. The
typical quiescent current is approximately 60
μA.
This device is available with fixed output options of
1.0V/1.0V,
1.0V/3.3V,
1.2V/1.8V,
1.2V/3.3V,
1.5V/2.8V,
1.5V/3.0V,
1.5V/3.3V,
1.8V/2.7V,
1.8V/2.8V,
1.8V/3.0V,
1.8V/3.3V, 2.5V/3.0V, 2.8V/3.3V and 3.3V/3.3V.
For other output options please contact our local sales
representative directly or through our distributor located in
your area.
The
AP7332
is
available
in
SOT26 and
DFN2018-6
packages.
Features
300mA Low Dropout Regulator with EN
Very low IQ: 60µA
Wide input voltage range: 2V to 6V
Fixed output options: 1.0V to 3.3V
High PSRR: 65dB at 1kHz
Fast start-up time: 60µs
Stable with low ESR, 1µF ceramic output capacitor
Excellent Load/Line Transient Response
Low dropout: 300mV at 300mA
Current limit protection
Short circuit protection
Thermal shutdown protection
Ambient temperature range: -40ºC to 85°C
SOT26 and DFN2018-6: Available in “Green” Molding
Compound (No Br, Sb)
Lead Free Finish/RoHS Compliant (Note 1)
Pin Assignments
1
3
2
6
4
OUT2
GND
EN2
EN1
OUT1
5 IN
(Top View)
SOT26
IN
EN1
EN2
1
2
3
6
5
4
OUT1
OUT2
GND
(Top View)
DFN2018-6
Applications
Cellular Phones
Smart Phones, PDAs
MP3/MP4
Bluetooth head set
Low power application
Note:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP7332-1833W6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7332 DIODES-AP7332 Datasheet
294Kb / 18P
   DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35132 Rev. 1 - 2
More results

Similar Description - AP7332-1833W6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 DIODES-AP133 Datasheet
970Kb / 14P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7332 DIODES-AP7332 Datasheet
294Kb / 18P
   DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35132 Rev. 1 - 2
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
   LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com