Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR6100CTL-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR6100CTL-13
Description  6A SBR SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR6100CTL-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR6100CTL-13 Datasheet HTML 1Page - Diodes Incorporated SBR6100CTL-13 Datasheet HTML 2Page - Diodes Incorporated SBR6100CTL-13 Datasheet HTML 3Page - Diodes Incorporated SBR6100CTL-13 Datasheet HTML 4Page - Diodes Incorporated SBR6100CTL-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBR6100CTL
Document number: DS31343 Rev. 7 - 2
4 of 5
www.diodes.com
July 2012
© Diodes Incorporated
SBR6100CTL
SBR is a registered trademark of Diodes Incorporated.
Package Outline Dimensions
Suggested Pad Layout
TO252
Dim
Min
Max
Typ
A
2.19
2.39
2.29
A1
0.00
0.13
0.08
A2
0.97
1.17
1.07
b
0.64
0.88
0.783
b2
0.76
1.14
0.95
b3
5.21
5.46
5.33
c2
0.45
0.58
0.531
D
6.00
6.20
6.10
D1
5.21
e
2.286
E
6.45
6.70
6.58
E1
4.32
H
9.40
10.41
9.91
L
1.40
1.78
1.59
L3
0.88
1.27
1.08
L4
0.64
1.02
0.83
a
10°
All Dimensions in mm
Dimensions
Value (in mm)
Z
11.6
X1
1.5
X2
7.0
Y1
2.5
Y2
7.0
C
6.9
E1
2.3
b3
E
2X b2
D
L4
A
c2
e
A1
L
L3
3X b
a
H
A2
E1
X2
C
Z
X1
Y1
E1
Y2


Similar Part No. - SBR6100CTL-13

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SBR6100CTL ISC-SBR6100CTL Datasheet
250Kb / 2P
   Schottky Barrier Rectifier
logo
Diodes Incorporated
SBR6100CTLQ DIODES-SBR6100CTLQ Datasheet
514Kb / 6P
   6A SBR SUPER BARRIER RECTIFIER
August 2019
SBR6100CTLQ-13 DIODES-SBR6100CTLQ-13 Datasheet
514Kb / 6P
   6A SBR SUPER BARRIER RECTIFIER
August 2019
SBR6100CTLQ DIODES-SBR6100CTLQ_15 Datasheet
247Kb / 6P
   SUPER BARRIER RECTIFIER 6A SBR짰
More results

Similar Description - SBR6100CTL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR6100CTLQ DIODES-SBR6100CTLQ Datasheet
514Kb / 6P
   6A SBR SUPER BARRIER RECTIFIER
August 2019
SBR660CTL DIODES-SBR660CTL Datasheet
193Kb / 5P
   6A SBR® SUPER BARRIER RECTIFIER
August 2013
SBRT6U20LP DIODES-SBRT6U20LP Datasheet
212Kb / 5P
   6A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER
SBRT6U10LP DIODES-SBRT6U10LP Datasheet
259Kb / 6P
   6A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER
SBRT6U45LP DIODES-SBRT6U45LP Datasheet
260Kb / 5P
   6A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER
SBR30E45CT DIODES-SBR30E45CT Datasheet
529Kb / 5P
   30A SBR SUPER BARRIER RECTIFIER
SBR10U300CT DIODES-SBR10U300CT Datasheet
180Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10U300 Rev. 2
SBR30A100CT DIODES-SBR30A100CT Datasheet
181Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A100 Rev. 2
SBR10100CT DIODES-SBR10100CT Datasheet
178Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10100 Rev. 2
SBR30200CT DIODES-SBR30200CT Datasheet
177Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30200 Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com