Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMLV0408EGSP-4S2 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RMLV0408EGSP-4S2
Description  4Mb Advanced LPSRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMLV0408EGSP-4S2 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RMLV0408EGSP-4S2 Datasheet HTML 4Page - Renesas Technology Corp RMLV0408EGSP-4S2 Datasheet HTML 5Page - Renesas Technology Corp RMLV0408EGSP-4S2 Datasheet HTML 6Page - Renesas Technology Corp RMLV0408EGSP-4S2 Datasheet HTML 7Page - Renesas Technology Corp RMLV0408EGSP-4S2 Datasheet HTML 8Page - Renesas Technology Corp RMLV0408EGSP-4S2 Datasheet HTML 9Page - Renesas Technology Corp RMLV0408EGSP-4S2 Datasheet HTML 10Page - Renesas Technology Corp RMLV0408EGSP-4S2 Datasheet HTML 11Page - Renesas Technology Corp RMLV0408EGSP-4S2 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RMLV0408E Series
Preliminary
R10DS0217EJ0001 Rev.0.01
Page 10 of 10
2013.09.10
Low VCC Data Retention Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
*24
VCC for data retention
VDR
1.5
V
Vin ≥ 0V,
CS# ≥ VCC-0.2V
Data retention current
ICCDR
0.4
*23
2
A
~+25°C
VCC=3.0V, Vin ≥ 0V,
CS# ≥ Vcc-0.2V
3
A
~+40°C
5
A
~+70°C
7
A
~+85°C
Chip deselect time to data retention
tCDR
0
ns
See retention waveform.
Operation recovery time
tR
5
ms
Note 23. Typical parameter indicates the value for the center of distribution at 3.0V (Ta=25ºC), and not 100% tested.
24. CS# controls address buffer, WE# buffer, OE# buffer, and I/O buffer. If CS# controls data retention mode, Vin
levels (address, WE#, OE#, I/O) can be in the high-impedance state.
Low Vcc Data Retention Timing Waveforms (CS# controlled)
CS#
VCC
CS# Controlled
tCDR
tR
2.7V
2.7V
2.2V
2.2V
VDR
CS# ≥ VCC -0.2V


Similar Part No. - RMLV0408EGSP-4S2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV0408EGSP-4S2#CA RENESAS-RMLV0408EGSP-4S2#CA Datasheet
464Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0408EGSP-4S2#CA0 RENESAS-RMLV0408EGSP-4S2#CA0 Datasheet
350Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0408EGSP-4S2#HA RENESAS-RMLV0408EGSP-4S2#HA Datasheet
464Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0408EGSP-4S2#HA0 RENESAS-RMLV0408EGSP-4S2#HA0 Datasheet
350Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
More results

Similar Description - RMLV0408EGSP-4S2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
   4Mb Advanced LPSRAM
R10DS0216EJ0100 RENESAS-R10DS0216EJ0100 Datasheet
360Kb / 14P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
368Kb / 15P
   4Mb Advanced LPSRAM
R1LP0408D RENESAS-R1LP0408D_17 Datasheet
380Kb / 13P
   4Mb Advanced LPSRAM
R10DS0206EJ0100 RENESAS-R10DS0206EJ0100 Datasheet
350Kb / 12P
   4Mb Advanced LPSRAM
R1LP0408D RENESAS-R1LP0408D Datasheet
292Kb / 13P
   4Mb Advanced LPSRAM (512-kword × 8-bit)
2012.5.30
RMLV0408E RENESAS-RMLV0408E_16 Datasheet
464Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0408E RENESAS-RMLV0408E_15 Datasheet
350Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0414E RENESAS-RMLV0414E_15 Datasheet
360Kb / 14P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com