Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-GS3E4 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3S-GS3E4
Description  Slotted Edge Registration Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-GS3E4 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3S-GS3E4 Datasheet HTML 1Page - Omron Electronics LLC E3S-GS3E4 Datasheet HTML 2Page - Omron Electronics LLC E3S-GS3E4 Datasheet HTML 3Page - Omron Electronics LLC E3S-GS3E4 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4
E3S-GS
E3S-GS
Dimensions
Unit: mm (inch)
E3S-GS3s4
E3S-GS1s4
s SENSORS
SENSITIVITY adjuster
SENSITIVITY adjuster
Indicator
Optical
axis
Two 6.5 (0.26) dia.
40
(1.57)
12.5
(0.49)
7
(0.24)
20
(0.79)
11.8
(0.47)
14 (0.55)
10.3 (0.41)
20
(0.79)
10
(0.39)
65 (2.56)
10
(0.39)
13.5
(0.53)
12.5
(0.49)
Cable: 4 mm dia.,
2 m (6.56 ft) length
40
(1.57)
8
(0.32)
6
(0.24)
52
(2.05)
11
(0.43)
Cable: 4 mm dia.,
2 m (6.56 ft) length
83.6 (3.29)
72 (2.84)
52
(2.05)
30
(1.18)
45 (1.77)
6
(0.24)
12.5
(0.49)
10
(0.39)
Indicator
Optical
axis
27
(1.06)
0.2 (0.008)
Two 5.5 (0.22) dia.
45 (1.77)
Mounting holes
Mounting holes
s ACCESSORIES
E3S-G1 Sensitivity Adjuster Knob (included)
24
(0.94)
13 (0.51)
dia.
9.3


Similar Part No. - E3S-GS3E4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-GS1B4 OMRON-E3S-GS1B4 Datasheet
278Kb / 4P
   Grooved Head Sensor with Built-In DC Amplifiers
E3S-GS1E4 OMRON-E3S-GS1E4 Datasheet
278Kb / 4P
   Grooved Head Sensor with Built-In DC Amplifiers
More results

Similar Description - E3S-GS3E4

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
R58B BANNER-R58B Datasheet
1Mb / 8P
   R58B Registration Mark Sensor
logo
Omron Electronics LLC
E3ML-S2E4-G OMRON-E3ML-S2E4-G Datasheet
1Mb / 14P
   Color Registration Mark Incandescent
logo
Banner Engineering Corp...
R58A BANNER-R58A Datasheet
390Kb / 5P
   R58A Series Registration Mark Sensors
R58E BANNER-R58E Datasheet
582Kb / 11P
   R58E Series Expert??Registration Mark Sensors
logo
Unity Opto Technology
MIT-5A117 UOT-MIT-5A117 Datasheet
56Kb / 3P
   SLOTTED PHOTOINTERRUPTER
logo
Marktech Corporate
MTSS10040 MARKTECH-MTSS10040 Datasheet
98Kb / 3P
   SLOTTED SWITCH
MTSS12000 MARKTECH-MTSS12000 Datasheet
107Kb / 4P
   SLOTTED SWITCH
MTSS8050 MARKTECH-MTSS8050 Datasheet
127Kb / 3P
   SLOTTED SWITCH
MTSS8520 MARKTECH-MTSS8520 Datasheet
116Kb / 3P
   SLOTTED SWITCH
logo
OPTEK Technologies
OPB780 OPTEK-OPB780 Datasheet
119Kb / 1P
   Slotted Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com