Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-L83 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E39-L83
Description  Mounting Brackets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L83 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E39-L83 Datasheet HTML 1Page - Omron Electronics LLC E39-L83 Datasheet HTML 2Page - Omron Electronics LLC E39-L83 Datasheet HTML 3Page - Omron Electronics LLC E39-L83 Datasheet HTML 4Page - Omron Electronics LLC E39-L83 Datasheet HTML 5Page - Omron Electronics LLC E39-L83 Datasheet HTML 6Page - Omron Electronics LLC E39-L83 Datasheet HTML 7Page - Omron Electronics LLC E39-L83 Datasheet HTML 8Page - Omron Electronics LLC E39-L83 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
E39-L/F39-L/E39-S/E39-R
3
Note:
Applicable models that appear shaded come with the Mounting Brackets at left as accessories.
Model
Fitting
materials
Count
Accessories
Applicable sensor
(mounting pitch on
sensor side)
Page
Description
Material
Count
Dimensions
E39-L131
Stainless steel
(SUS304)
1
Slotted/Phillips screws M4
× 25
Stainless steel (SUS304)
2
E3G-R1
@ (25)
E3G-L7
@ (25)
12
Spring washer M4
Stainless steel (SUS304)
2
Plain washer M4
Stainless steel (SUS304)
2
Nuts M4
Stainless steel (SUS304)
2
E39-L132
Stainless steel
(SUS304)
1
Slotted/Phillips screws M4
× 25
Stainless steel (SUS304)
2
E3G-R1
@ (25)
E3G-L7
@ (25)
Spring washer M4
Stainless steel (SUS304)
2
Plain washer M4
Stainless steel (SUS304)
2
Nuts M4
Stainless steel (SUS304)
2
E39-L135
Stainless steel
(SUS304)
1
Slotted/Phillips screws M4
× 35
Stainless steel (SUS304)
2
E3G-MR19 (T)
E3G-ML79 (T)
Spring washer M4
Stainless steel (SUS304)
2
Plain washer M4
Stainless steel (SUS304)
2
Nuts M4
Stainless steel (SUS304)
2
E39-L136
Stainless steel
(SUS304)
1
Slotted/Phillips screws M4
× 35
Stainless steel (SUS304)
2
E3G-MR19 (T)
E3G-ML79 (T)
Spring washer M4
Stainless steel (SUS304)
2
Plain washer M4
Stainless steel (SUS304)
2
Nuts M4
Stainless steel (SUS304)
2
E39-L142
Stainless steel
(SUS304)
1
Slotted/Phillips screws M3
× 8
(with spring and plain washers)
Stainless steel (SUS304)
2
E3Z pre-wired model
(25.4)
E39-L143
Stainless steel
(SUS304)
1
None
---
---
E3X-DA-S/MDA
E3X-NA
E3C-LDA
E2C-EDA
E4C-UDA
E39-L144
Stainless steel
(SUS304)
1
Slotted/Phillips screws M3
× 12
(with spring and plain washers)
Stainless steel (SUS304)
2
E3Z pre-wired model
(25.4)
13
E39-L148
Stainless steel
(SUS304)
1
None
---
---
E3X-NA
E39-L149
Iron,
black coating
1
None
---
E3Z-G
E39-L150
Stainless steel
(SUS304)
1
Holder/bracket
PBT (polybutylene tereph-
thalate)
1
E3Z (25.4)
E3S-R6
@/R8@ (20)
E39-R3
Shaft (brace)
Stainless steel (SUS304)
1
Bolt with hexagonal hole
Stainless steel (SUSXM7)
1
Nut
Stainless steel (SUS304)
1
Phillips screw
Stainless steel (SUSXM7)
1
Slotted/Phillips screws
Stainless steel (SUS304)
2
E39-L151
Stainless steel
(SUS304)
1
Holder/bracket
PBT (polybutylene tereph-
thalate)
1
E3Z (25.4)
E3S-R6
@/R8@ (20)
E39-R3
Shaft (brace)
Stainless steel (SUS304)
1
Bolt with hexagonal hole
Stainless steel (SUSXM7)
1
Nut
Stainless steel (SUS304)
1
Phillips screw
Stainless steel (SUSXM7)
1
Slotted/Phillips screws
Stainless steel (SUS304)
2
E39-L153
Stainless steel
(SUS304)
1
Slotted/Phillips screws M3
× 8
(with spring and plain washers)
Stainless steel (SUSXM7)
Stainless steel (SUS304)
2
E3Z pre-wired model
(25.4)


Similar Part No. - E39-L83

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L83 OMRON-E39-L83 Datasheet
1Mb / 19P
   Mounting Brackets
More results

Similar Description - E39-L83

ManufacturerPart #DatasheetDescription
logo
SICK AG
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
   Mounting brackets
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
   Mounting brackets
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
   Mounting Brackets
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
   SLIMCAB SERIES MOUNTING BRACKETS
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
   Mounting brackets and plates
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
   Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
   Mounting brackets and plates
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
logo
Ohmite Mfg. Co.
18-100 OHMITE-18-100 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
logo
Heyco.
1025 HEYCO-1025 Datasheet
102Kb / 1P
   Heyco-Flex™Mounting Brackets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com