Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA6805E2 Datasheet(PDF) 10 Page - InnovASIC, Inc

Part # IA6805E2
Description  Microprocessor Unit
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA6805E2 Datasheet(HTML) 10 Page - InnovASIC, Inc

Back Button IA6805E2_07 Datasheet HTML 6Page - InnovASIC, Inc IA6805E2_07 Datasheet HTML 7Page - InnovASIC, Inc IA6805E2_07 Datasheet HTML 8Page - InnovASIC, Inc IA6805E2_07 Datasheet HTML 9Page - InnovASIC, Inc IA6805E2_07 Datasheet HTML 10Page - InnovASIC, Inc IA6805E2_07 Datasheet HTML 11Page - InnovASIC, Inc IA6805E2_07 Datasheet HTML 12Page - InnovASIC, Inc IA6805E2_07 Datasheet HTML 13Page - InnovASIC, Inc IA6805E2_07 Datasheet HTML 14Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
IA6805E2
29 August 2007
Microprocessor Unit
As of Production Version 00
Copyright © 2007
IA211081401-03
www.Innovasic.com
Customer Support:
Page 10 of 33
1-888-824-4184
©
I(Interrupt Mask Bit)
The interrupt mask bit indicates that both the external interrupt and the timer interrupt are
disabled (masked). If an interrupt occurs while this bit is set, the interrupt is latched and is
processed as soon as the interrupt bit is cleared.
H(Half Carry Bit)
The half carry bit indicates that a carry occurred between bits 3 and 4 of the ALU during an
ADD or ADC operation.
Resets:
The MPU can be reset by initial power up or by the external reset pin (reset_n).
POR(Power On Reset)
Power on reset occurs on initial power up. It is strictly for power initialization conditions
and should not be used to detect drops in the power supply voltage. There is a 1920 t
CYC
time out delay from the time the oscillator is detected. If the reset_n pin is still low at the
end of the delay, the MPU will remain in the reset state until the external pin goes high.
Reset_n
The reset_n pin is used to reset the MPU. The reset pin must stay low for a minimum of t
cyc
to guarantee a reset. The reset_n pin is provided with a Schmitt Trigger to improve noise
immunity capability.
Interrupts:
The MPU can be interrupted with the external interrupt pin (irq_n), the internal timer
interrupt request, or the software interrupt instruction. When any of these interrupts occur,
normal processing is suspended at the end of the current instruction execution. The
processor registers are saved on the stack (stacking order shown in Figure 7) and the
interrupt mask (I) is set to prevent additional interrupts. Normal processing resumes after
the RTI instruction causes the register contents to be recovered from the stack. When the
current instruction is completed, the processor checks all pending hardware interrupts and if
unmasked (I bit clear) proceeds with interrupt processing. Otherwise, the next instruction is
fetched and executed. Masked interrupts are latched for later interrupt service. External
interrupts hold higher priority than timer interrupts. At the end of an instruction execution,
if both an external interrupt and timer interrupt are pending, the external interrupt is
serviced first. The SWI gets executed with the same priority as any other instruction if the
hardware interrupts are masked (I bit set). Figure 8 shows the Reset and Interrupt processing
flowchart.


Similar Part No. - IA6805E2_07

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA6805E2-PDW40I INNOVASIC-IA6805E2-PDW40I Datasheet
286Kb / 31P
   Microprocessor Unit
IA6805E2-PLC44I INNOVASIC-IA6805E2-PLC44I Datasheet
286Kb / 31P
   Microprocessor Unit
More results

Similar Description - IA6805E2_07

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80180 ZILOG-Z80180 Datasheet
1Mb / 124P
   Microprocessor Unit
logo
List of Unclassifed Man...
Z8018006VSG ETC2-Z8018006VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
Zilog, Inc.
Z8018010FSG ZILOG-Z8018010FSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
InnovASIC, Inc
IA6805E2 INNOVASIC-IA6805E2 Datasheet
286Kb / 31P
   Microprocessor Unit
logo
Zilog, Inc.
Z8018010VSG ZILOG-Z8018010VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
Z8018008VSG ZILOG-Z8018008VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
Z8018010PSG ZILOG-Z8018010PSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
Raltron Electronics Cor...
A-6.176-18.5 RALTRON-A-6.176-18.5 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-12.000-20 RALTRON-A-12.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-25.000-14 RALTRON-A-25.000-14 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com