Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA59032 Datasheet(PDF) 7 Page - InnovASIC, Inc

Part # IA59032
Description  32-Bit High-Speed Microprocessor Slice
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA59032 Datasheet(HTML) 7 Page - InnovASIC, Inc

Back Button IA59032 Datasheet HTML 3Page - InnovASIC, Inc IA59032 Datasheet HTML 4Page - InnovASIC, Inc IA59032 Datasheet HTML 5Page - InnovASIC, Inc IA59032 Datasheet HTML 6Page - InnovASIC, Inc IA59032 Datasheet HTML 7Page - InnovASIC, Inc IA59032 Datasheet HTML 8Page - InnovASIC, Inc IA59032 Datasheet HTML 9Page - InnovASIC, Inc IA59032 Datasheet HTML 10Page - InnovASIC, Inc IA59032 Datasheet HTML 11Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
IA59032
Data Sheet
32-Bit High-Speed Microprocessor Slice
August 19, 2008
IA211001108-03
http://www.Innovasic.com
Customer Support:
Page 7 of 19
1-888-824-4184
RAM SHIFT
32X32 2 PORT RAM
ALU SOURCE MUX
Q-SHIFT
Q REGISTER
OUTPUT DATA MUX
8 FUNCTION 32-BIT ALU
LOGIC
"0"
A
F
Y(31:0)
OEn
Cn
D(31:0)
B(READ/WRITE)
ADDRESS
A(READ)
ADDRESS
CP
FZERO
F31
OVR
Cn32
F
A
Q
0
B
S
R
A
OUT
B
B
OUT
WE
Q31
Q0
F
RAM0
RAM31
FIGURE 1 (CONT):


Similar Part No. - IA59032

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA59032 INNOVASIC-IA59032 Datasheet
71Kb / 17P
   32-Bit High Speed Microprocessor Slice
IA59032-CPGA100I INNOVASIC-IA59032-CPGA100I Datasheet
71Kb / 17P
   32-Bit High Speed Microprocessor Slice
More results

Similar Description - IA59032

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA59032 INNOVASIC-IA59032 Datasheet
71Kb / 17P
   32-Bit High Speed Microprocessor Slice
logo
List of Unclassifed Man...
C2901 ETC2-C2901 Datasheet
226Kb / 4P
   4-bit Microprocessor Slice Megafunction
logo
Advanced Micro Devices
AM2901B AMD-AM2901B Datasheet
1Mb / 18P
   FOUR-BIT BIPOLAR MICROPROCESSOR SLICE
logo
Zarlink Semiconductor I...
MA2901 ZARLINK-MA2901 Datasheet
261Kb / 13P
   RADIATION HARD 4-BIT MICROPROCESSOR SLICE
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
Siemens Semiconductor G...
SAB-R2000A SIEMENS-SAB-R2000A Datasheet
1Mb / 79P
   HIGH PERFORMANCE 32-BIT RISC MICROPROCESSOR
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com