Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT17-05W Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAT17-05W
Description  For mixer applications in VHF/UHF range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT17-05W Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAT17-05W Datasheet HTML 1Page - Infineon Technologies AG BAT17-05W Datasheet HTML 2Page - Infineon Technologies AG BAT17-05W Datasheet HTML 3Page - Infineon Technologies AG BAT17-05W Datasheet HTML 4Page - Infineon Technologies AG BAT17-05W Datasheet HTML 5Page - Infineon Technologies AG BAT17-05W Datasheet HTML 6Page - Infineon Technologies AG BAT17-05W Datasheet HTML 7Page - Infineon Technologies AG BAT17-05W Datasheet HTML 8Page - Infineon Technologies AG BAT17-05W Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2011-06-15
4
BAT17...
Diode capacitance CT = ƒ (VR)
f = 1MHz
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
VR
0.1
0.2
0.3
0.4
pF
0.6
Forward resistance rf = ƒ (IF)
f = 10kHz
10
EHD07109
r
f
F
Ι
-1
0
10
1
10
2
10
mA
0
10
10
3
10
1
10
2
Reverse current IR = ƒ(VR)
TA = Parameter
0.0
V
10
EHD07107
Ι
R
R
V
-3
-2
10
-1
10
0
10
1
10
2
10
A
1.0
2.0
3.0
4.0
T
A=150 ˚C
˚C
85
25
µ
˚C
Forward current IF = ƒ (VF)
TA = Parameter
0.0
10
EHD07106
Ι
F
F
V
-2
-1
10
0
10
1
10
10
2
mA
-40 ˚C
0.1
0.2
0.3
0.4
0.5 V 0.6
T
A =
25
150
85
˚C
˚C
˚C


Similar Part No. - BAT17-05W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT17-05W SIEMENS-BAT17-05W Datasheet
39Kb / 3P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
logo
Infineon Technologies A...
BAT17-05W INFINEON-BAT17-05W Datasheet
450Kb / 5P
   Silicon Schottky Diode
Feb-03-2003
logo
Guangdong Kexin Industr...
BAT17-05W KEXIN-BAT17-05W Datasheet
47Kb / 1P
   Silicon Schottky Diode
logo
Infineon Technologies A...
BAT17-05W INFINEON-BAT17-05W Datasheet
104Kb / 9P
   Silicon Schottky Diode
2007-04-19
BAT17-05W INFINEON-BAT17-05W Datasheet
861Kb / 9P
   Silicon Schottky Diode
2011-06-15
More results

Similar Description - BAT17-05W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT68-07W SIEMENS-BAT68-07W Datasheet
43Kb / 5P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
BAT17W SIEMENS-BAT17W Datasheet
39Kb / 3P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
BAT17-07 SIEMENS-BAT17-07 Datasheet
99Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
BAT68W SIEMENS-BAT68W Datasheet
84Kb / 4P
   Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching)
BAT68-03W SIEMENS-BAT68-03W Datasheet
92Kb / 5P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high speed switching)
BAT17- SIEMENS-BAT17- Datasheet
93Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
logo
Sanyo Semicon Device
1SS358 SANYO-1SS358 Datasheet
55Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS366 SANYO-1SS366 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS375 SANYO-1SS375 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
2SC4407 SANYO-2SC4407 Datasheet
95Kb / 4P
   VHF/UHF Mixer, Local Oscillator Applications???
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com