Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817K-16W Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BC817K-16W
Description  NPN Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC817K-16W Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BC817K-16W Datasheet HTML 3Page - Infineon Technologies AG BC817K-16W Datasheet HTML 4Page - Infineon Technologies AG BC817K-16W Datasheet HTML 5Page - Infineon Technologies AG BC817K-16W Datasheet HTML 6Page - Infineon Technologies AG BC817K-16W Datasheet HTML 7Page - Infineon Technologies AG BC817K-16W Datasheet HTML 8Page - Infineon Technologies AG BC817K-16W Datasheet HTML 9Page - Infineon Technologies AG BC817K-16W Datasheet HTML 10Page - Infineon Technologies AG BC817K-16W Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2011-09-19
10
BC817K.../BC818K...
Package SOT323
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
0.1 MAX.
0.15
+0.1
-0.05
0.3
+0.1
±0.1
0.9
12
3
A
±0.2
2
-0.05
0.65
0.65
M
3x
0.1
0.1
M
0.2
A
0.2
4
2.15
1.1
Pin 1
Pin 1
2005, June
Date code (YM)
BCR108W
Type code
0.6
0.65
0.65
Manufacturer


Similar Part No. - BC817K-16W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC817K-16 INFINEON-BC817K-16 Datasheet
864Kb / 11P
   NPN Silicon AF Transistor
2008-04-11
logo
Nexperia B.V. All right...
BC817K-16 NEXPERIA-BC817K-16 Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
BC817K-16 NEXPERIA-BC817K-16 Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 6 March 2018
BC817K-16H NEXPERIA-BC817K-16H Datasheet
366Kb / 21P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 5 March 2019
BC817K-16H NEXPERIA-BC817K-16H Datasheet
371Kb / 25P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 15 December 2017
More results

Similar Description - BC817K-16W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
   NPN Silicon AF Transistor
2008-10-10
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
   NPN Silicon AF Transistor
2011-08-30
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
   NPN Silicon AF Transistor
2008-10-20
BC817-16 INFINEON-BC817-16 Datasheet
864Kb / 11P
   NPN Silicon AF Transistor
2008-04-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com