Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP55-16 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BCP55-16
Description  NPN Silicon AF Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCP55-16 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BCP55-16 Datasheet HTML 1Page - Infineon Technologies AG BCP55-16 Datasheet HTML 2Page - Infineon Technologies AG BCP55-16 Datasheet HTML 3Page - Infineon Technologies AG BCP55-16 Datasheet HTML 4Page - Infineon Technologies AG BCP55-16 Datasheet HTML 5Page - Infineon Technologies AG BCP55-16 Datasheet HTML 6Page - Infineon Technologies AG BCP55-16 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2011-10-13
6
BCP54...-BCP56...
Package SOT223
Package Outline
Foot Print
Marking Layout (Example)
Packing
Reel ø180 mm = 1.000 Pieces/Reel
Reel ø330 mm = 4.000 Pieces/Reel
2005, 24 CW
Date code (YYWW)
BCP52-16
Type code
Pin 1
12
3
3
4
±0.1
±0.04
0.28
0.1 MAX.
6.5 ±0.2
A
4.6
2.3
0.7 ±0.1
0.25 M A
1.6±0.1
B
0.25 M
B
3.5
1.1
1.2
8
0.3 MAX.
6.8
1.75
Pin 1
Manufacturer
0...10˚


Similar Part No. - BCP55-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP55-16 PHILIPS-BCP55-16 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP55-16 SIEMENS-BCP55-16 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP55-16 INFINEON-BCP55-16 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BCP55-16 INFINEON-BCP55-16 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
logo
SeCoS Halbleitertechnol...
BCP55-16 SECOS-BCP55-16 Datasheet
489Kb / 2P
   1A , 60V NPN Silicon Medium Power Transistor
More results

Similar Description - BCP55-16

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com