Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP620F Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP620F
Description  NPN Silicon Germanium RF Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP620F Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BFP620F Datasheet HTML 2Page - Infineon Technologies AG BFP620F Datasheet HTML 3Page - Infineon Technologies AG BFP620F Datasheet HTML 4Page - Infineon Technologies AG BFP620F Datasheet HTML 5Page - Infineon Technologies AG BFP620F Datasheet HTML 6Page - Infineon Technologies AG BFP620F Datasheet HTML 7Page - Infineon Technologies AG BFP620F Datasheet HTML 8Page - Infineon Technologies AG BFP620F Datasheet HTML 9Page - Infineon Technologies AG BFP620F Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2007-04-20
BFP620F
6
Third order Intercept Point IP3=ƒ(IC)
(Output, ZS=ZL=50Ω)
VCE = parameter, f =1.8GHz
0
10
20
30
40
50
60
70
mA
90
IC
-5
0
5
10
15
20
dBm
30
0.8V
1.1V
1.4V
1.7V
2.3V
Transition frequency fT= ƒ(IC)
f = 1GHz
VCE = Parameter in V
0
10
20
30
40
50
60
70
80 mA
100
IC
0
5
10
15
20
25
30
35
40
45
50
55
60
GHz
70
1 to 2.3
0.8
0.5
0.3
Power gain Gma, Gms = ƒ(IC)
VCE = 1.5V
f = Parameter in GHz
0
10
20
30
40
50
60
70
mA
90
IC
6
8
10
12
14
16
18
20
22
24
26
dB
30
0.9
1.8
2.4
3
4
5
6
Power Gain Gma, Gms = ƒ(f),
|S21|² = f (f)
VCE = 1.5V, IC = 50mA
0
1
2
3
4
GHz
6
f
5
10
15
20
25
30
35
40
dB
50
Gms
Gma
|S21|²


Similar Part No. - BFP620F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP620F INFINEON-BFP620F Datasheet
158Kb / 6P
   NPN Silicon Germanium RF Transistor
Apr-21-2004
BFP620F INFINEON-BFP620F Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-04-20
BFP620F INFINEON-BFP620F Datasheet
629Kb / 9P
   Low Noise SiGe:C Bipolar RF Transistor
2013-09-09
BFP620FE7764 INFINEON-BFP620FE7764 Datasheet
195Kb / 6P
   NPN Silicon Germanium RF Transistor
Oct-20-2003
BFP620F INFINEON-BFP620F_07 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-04-20
More results

Similar Description - BFP620F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com