Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP640E6327 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFP640E6327
Description  NPN Silicon Germanium RF Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP640E6327 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFP640E6327 Datasheet HTML 1Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 2Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 3Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 4Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 5Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 6Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 7Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 8Page - Infineon Technologies AG BFP640E6327 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2007-05-29
BFP640
5
Total power dissipation Ptot = ƒ(TS)
0
15
30
45
60
75
90
105 120 °C
150
TS
0
20
40
60
80
100
120
140
160
180
mW
220
Permissible Pulse Load RthJS = ƒ(tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Collector-base capacitance Ccb= ƒ(VCB)
f = 1MHz
0
2
4
6
8
10
V
14
VCB
0
0.05
0.1
0.15
pF
0.25


Similar Part No. - BFP640E6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640ESD INFINEON-BFP640ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
BFP640ESD INFINEON-BFP640ESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-09-17
BFP640ESD INFINEON-BFP640ESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-09-17
More results

Similar Description - BFP640E6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com