Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA64250 Datasheet(PDF) 10 Page - InnovASIC, Inc

Part # IA64250
Description  Histogram/Hough Transform Processor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA64250 Datasheet(HTML) 10 Page - InnovASIC, Inc

Back Button IA64250_08 Datasheet HTML 6Page - InnovASIC, Inc IA64250_08 Datasheet HTML 7Page - InnovASIC, Inc IA64250_08 Datasheet HTML 8Page - InnovASIC, Inc IA64250_08 Datasheet HTML 9Page - InnovASIC, Inc IA64250_08 Datasheet HTML 10Page - InnovASIC, Inc IA64250_08 Datasheet HTML 11Page - InnovASIC, Inc IA64250_08 Datasheet HTML 12Page - InnovASIC, Inc IA64250_08 Datasheet HTML 13Page - InnovASIC, Inc IA64250_08 Datasheet HTML 14Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
IA64250
Data Sheet
Histogram/Hough Transform Processor
August 19, 2008
IA211011114-01
http://www.Innovasic.com
Customer Support:
Page 10 of 24
1-888-824-4184
Mode Definition:
The controller block decodes the instructions brought in to the IA64250 on the CI bus, with
the REGADR input determining which instructions are being read in. The Mode Memory
table shows the configuration of the CI bus encoded instruction depending on the state of
REGADR. A brief description of the instruction bits follows:
sel(3:0) selects the nine bits of the ACC RAM to be transferred to the DO output or to the LUT
RAM.
sel0
sel1
sel2
sel3
Sel
window
0
1
0
1
0
1
0
0
1
1
0
1
0
0
0
0
1
1
0
0
0
0
0
1
0
1
2
3
4
15
select bits 0-8
select bits 1-9
select bits 2-10
select bits 3-11
select bits 4-12
select bits 15-23
lut(1:0) defines one of the four 512 X 9 LUTs as active.
sh1
When low, the least significant nine bits of the 10 bit LUT and Y count sum will address the
ACC RAM. When high, the nine most significant bits of the sum will be used.
sat
When high, the nine bits selected from the 24 bit ACC RAM output will be forced to 511
(111111111) if the 24 bit ACC RAM output contains a 1 in the range of bits from the sel + 9
to 23. Otherwise the nine bits selected from the ACC RAM output will be unchanged.
test
Used for testing when low. Should be high for normal operation.
fn(1:0) Determines the operation performed during the computational mode.
fn0
fn1
FUNCTION
0
0
1
1
0
1
0
1
modified Hough transform computation
undefined
histogram computation
pixel location
eq
When high, causes the output of the ACC RAM to be accumulated as it is read. This is
commonly used to compute the histogram equalization transfer function. When low, the
ACC RAM output is not modified.


Similar Part No. - IA64250_08

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA64250-PLC68M INNOVASIC-IA64250-PLC68M Datasheet
100Kb / 21P
   Histogram/Hough Transform Processor
More results

Similar Description - IA64250_08

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA64250 INNOVASIC-IA64250 Datasheet
100Kb / 21P
   Histogram/Hough Transform Processor
logo
NXP Semiconductors
TDA9170 PHILIPS-TDA9170 Datasheet
321Kb / 22P
   YUV picture improvement processor based on histogram modification
October 1994
TDA9171 PHILIPS-TDA9171 Datasheet
113Kb / 20P
   YUV picture improvement processor based on histogram modification and blue stretch
1996 Jun 17
logo
Dallas Semiconductor
DS2435 DALLAS-DS2435 Datasheet
788Kb / 24P
   Battery Identification Chip with Time/Temperature Histogram
logo
Maxim Integrated Produc...
MAX11192EVKIT MAXIM-MAX11192EVKIT Datasheet
7Mb / 26P
   Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 5/17
MAX11156EVSYS MAXIM-MAX11156EVSYS Datasheet
994Kb / 17P
   Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 6/13
logo
SHANGHAI BELLING CO., L...
BL6528 BELLING-BL6528 Datasheet
587Kb / 27P
   Measure the reactive power transform to fast pulse output
logo
List of Unclassifed Man...
L1T2-3070000000000 ETC2-L1T2-3070000000000_14 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
logo
Lumileds Lighting Compa...
L1T2-3070000000000 LUMILEDS-L1T2-3070000000000 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
logo
Maxim Integrated Produc...
MAX11666EVKIT MAXIM-MAX11666EVKIT Datasheet
8Mb / 39P
   Time Domain, Frequency Domain, and Histogram Plotting in the EV Kit Software
Rev 0; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com