Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82050 Datasheet(PDF) 11 Page - InnovASIC, Inc

Part # P82050
Description  Asynchronous Serial Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

P82050 Datasheet(HTML) 11 Page - InnovASIC, Inc

Back Button P82050 Datasheet HTML 7Page - InnovASIC, Inc P82050 Datasheet HTML 8Page - InnovASIC, Inc P82050 Datasheet HTML 9Page - InnovASIC, Inc P82050 Datasheet HTML 10Page - InnovASIC, Inc P82050 Datasheet HTML 11Page - InnovASIC, Inc P82050 Datasheet HTML 12Page - InnovASIC, Inc P82050 Datasheet HTML 13Page - InnovASIC, Inc P82050 Datasheet HTML 14Page - InnovASIC, Inc P82050 Datasheet HTML 15Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IA82050
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211030617-08
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 11 of 22
1-888-824-4184
®
4.
Register Descriptions
4.1
Baud Rate Generator A Divide Count, MSB and LSB (BAH/BAL)
Baud Rate Generator A Divide Count (MSB and LSB) – When generating TXCLK or RXCLK,
the selected source clock will be divided by this value (ADDR 001/000, Mode R/W, Default
00000000/00000010).
4.2
General Interrupt Enable Register (GER)
Enables the general categories of interrupts when generating INT (ADDR 001, Mode R/W,
Default 00000000).
Table 2. General Interrupt Enable Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
MIE
RXIE
TFIE
RFIE
MIE
Modem Interrupt Enable, 1=Enabled, 0=Disabled
RXIE
Receive Interrupt Enable, 1=Enabled, 0=Disabled
TFIE
Transmit FIF0 Interrupt Enable, 1=Enabled, 0=Disabled
RFIE
Receive FIFO Interrupt Enable, 1=Enabled, 0=Disabled
4.3
General Interrupt Register (GIR)
Read-only interrupt register containing priority encoded enabled interrupt vector and interrupt
pending flag. Writes to this register only affect Bank Pointer bits (ADDR 010, Mode R, Default
00000001).
Table 3. General Interrupt Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
BANK1
BANK0
0
0
BI1
BI0
IPN
BANK1, BANK0
– Bank Pointer – not used in IA82050, user must ensure these bits are never written
BI1, BI0
– Interrupt Vector
11=Receive Interrupt (highest priority)
10=Receive FIFO Interrupt
01=Transmit FIF0 Interrupt
00=Modem Interrupt (lowest priority)
IPN
– Interrupt Pending (1=no interrupt pending, 0=interrupt pending)
4.4
Line Configure Register (LCR)
Defines configuration of serial message (ADDR 011, Mode R/W, Default 00000000).


Similar Part No. - P82050

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P8205 PULSE-P8205 Datasheet
82Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P8205 PULSE-P8205 Datasheet
246Kb / 2P
   smt Current Sense Transformers
P8205NL PULSE-P8205NL Datasheet
80Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P8205NL PULSE-P8205NL Datasheet
251Kb / 1P
   smt Current Sense Transformers P820X Series
P8205NL PULSE-P8205NL Datasheet
251Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
More results

Similar Description - P82050

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
STMicroelectronics
ST72344XX STMICROELECTRONICS-ST72344XX Datasheet
1Mb / 247P
   SCI asynchronous serial interface
July 2012 Rev 6
logo
Intel Corporation
82050 INTEL-82050 Datasheet
834Kb / 14P
   ASYNCHRONOUS COMMUICATIONS CONTROLLER
logo
STMicroelectronics
ST72325XXX STMICROELECTRONICS-ST72325XXX Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
logo
Global Mixed-mode Techn...
G5320 GMT-G5320 Datasheet
66Kb / 1P
   Asynchronous Voltage Mode Controller
logo
Major-Power Technology ...
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
   58V Asynchronous Buck Controller
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com