Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA82510PLC28IR2 Datasheet(PDF) 10 Page - InnovASIC, Inc

Part # IA82510PLC28IR2
Description  Asynchronous Serial Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82510PLC28IR2 Datasheet(HTML) 10 Page - InnovASIC, Inc

Back Button IA82510PLC28IR2 Datasheet HTML 6Page - InnovASIC, Inc IA82510PLC28IR2 Datasheet HTML 7Page - InnovASIC, Inc IA82510PLC28IR2 Datasheet HTML 8Page - InnovASIC, Inc IA82510PLC28IR2 Datasheet HTML 9Page - InnovASIC, Inc IA82510PLC28IR2 Datasheet HTML 10Page - InnovASIC, Inc IA82510PLC28IR2 Datasheet HTML 11Page - InnovASIC, Inc IA82510PLC28IR2 Datasheet HTML 12Page - InnovASIC, Inc IA82510PLC28IR2 Datasheet HTML 13Page - InnovASIC, Inc IA82510PLC28IR2 Datasheet HTML 14Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
IA82510
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211001219-05
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 10 of 25
1-888-824-4184
®
3.
Functional Overview
3.1
Transmitter
The Transmit function consists of a 4
11 bit FIFO, and a Transmit Engine. The 4
11 FIFO is
configurable as any depth between one and four words inclusive. The transmit engine is
responsible for reading the data out of the FIFO and placing it in the proper order on the TXD pin.
The transmit engine is highly configurable to be compatible with numerous formats, including
16450 and 8250 modes of communication. Transmit Communication parameters that can be
programmed include:
Parity modes
Stop Bits
Character Length
FIFO Depth
Clocking Options
RTS and CTS modes
For more details, see Section 3.4, Register Description.
3.2
Receiver
The Receiver function consists of a 4
11 configurable FIFO and a Receive Engine. The receive
engine is responsible for sampling the data on the RXD input pin, formatting the data, and placing
the data in the FIFO. The receive engine is highly configurable with parameters that include:
Parity modes
Stop Bits
Character Length
FIFO Depth
Clocking Options
Address Matching Options
Control Character Detection
RTS and CTS modes
For more details, see Section 3.4, Register Description.
3.3
Bus Interface
The Bus Interface is a simple interface that allows a micro-processor or micro-controller to read
and write the IA82510 Registers. It consists of the following I/O lines:


Similar Part No. - IA82510PLC28IR2

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82510-PDW28I INNOVASIC-IA82510-PDW28I Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82510-PDW28I-01 INNOVASIC-IA82510-PDW28I-01 Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82510-PLC28I INNOVASIC-IA82510-PLC28I Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82510-PLC28I-01 INNOVASIC-IA82510-PLC28I-01 Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
More results

Similar Description - IA82510PLC28IR2

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050_11 Datasheet
342Kb / 22P
   Asynchronous Serial Controller
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
STMicroelectronics
ST72344XX STMICROELECTRONICS-ST72344XX Datasheet
1Mb / 247P
   SCI asynchronous serial interface
July 2012 Rev 6
logo
Intel Corporation
82050 INTEL-82050 Datasheet
834Kb / 14P
   ASYNCHRONOUS COMMUICATIONS CONTROLLER
logo
STMicroelectronics
ST72325XXX STMICROELECTRONICS-ST72325XXX Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
logo
Global Mixed-mode Techn...
G5320 GMT-G5320 Datasheet
66Kb / 1P
   Asynchronous Voltage Mode Controller
logo
Major-Power Technology ...
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
   58V Asynchronous Buck Controller
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com