Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82510 Datasheet(PDF) 11 Page - InnovASIC, Inc

Part # P82510
Description  Asynchronous Serial Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

P82510 Datasheet(HTML) 11 Page - InnovASIC, Inc

Back Button P82510 Datasheet HTML 7Page - InnovASIC, Inc P82510 Datasheet HTML 8Page - InnovASIC, Inc P82510 Datasheet HTML 9Page - InnovASIC, Inc P82510 Datasheet HTML 10Page - InnovASIC, Inc P82510 Datasheet HTML 11Page - InnovASIC, Inc P82510 Datasheet HTML 12Page - InnovASIC, Inc P82510 Datasheet HTML 13Page - InnovASIC, Inc P82510 Datasheet HTML 14Page - InnovASIC, Inc P82510 Datasheet HTML 15Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
IA82510
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211001219-05
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 11 of 25
1-888-824-4184
®
A0, A1, A2:
3 Bit Address
D0-D7:
8 Bit Data
RDn:
Active Low Read Enable
WRn:
Active Low Write Enable
CSn:
Active Low Chip Select
INT:
Interrupt Output
RESET:
Chip Reset
3.4
Register Description
Table 1 presents the register summary.
Table 1. Register Summary
Register
ADDR
Bank
DLAB
Mode
Default
ACR0
111
00
X
R/W
00000000
ACR1
101
10
X
R/W
00000000
BACF
001
11
0
R/W
00000100
BAH
001
00
1
R/W
00000000
BAL
000
00
1
R/W
00000010
BANK
010
X
X
W
00000000
BBCF
011
11
X
R/W
10000100
BBH
001
11
1
R/W
00000000
BBL
000
11
1
R/W
00000101
CLCF
000
11
0
R/W
00000000
FLR
100
01
X
R
00000000
FMD
001
10
X
R/W
00000000
GER
001
00
0
R/W
00000000
GIR_BANK
010
X
X
R
00000001
GSR
111
01
X
R
00010010
ICM
111
01
X
W
N/A
IMD
100
10
X
R/W
00001100
LCR
011
00
X
R/W
00000000
LSR
101
00
X
R/W
01100000
MCR
100
100
00
01
X
X
R/W
W
00000000
MIE
101
11
X
R/W
00001111
MSR
110
110
00
01
X
X
R/W
R
00000000
PMD
100
11
X
R/W
11111100
RCM
101
01
X
W
N/A
RIE
110
10
X
R/W
00011110
RMD
111
10
X
R/W
00000000


Similar Part No. - P82510

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
P82510 INNOVASIC-P82510 Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
More results

Similar Description - P82510

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050_11 Datasheet
342Kb / 22P
   Asynchronous Serial Controller
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
STMicroelectronics
ST72344XX STMICROELECTRONICS-ST72344XX Datasheet
1Mb / 247P
   SCI asynchronous serial interface
July 2012 Rev 6
logo
Intel Corporation
82050 INTEL-82050 Datasheet
834Kb / 14P
   ASYNCHRONOUS COMMUICATIONS CONTROLLER
logo
STMicroelectronics
ST72325XXX STMICROELECTRONICS-ST72325XXX Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
logo
Global Mixed-mode Techn...
G5320 GMT-G5320 Datasheet
66Kb / 1P
   Asynchronous Voltage Mode Controller
logo
Major-Power Technology ...
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
   58V Asynchronous Buck Controller
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com