Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA82527 Datasheet(PDF) 6 Page - InnovASIC, Inc

Part # IA82527
Description  Serial Communications Controller?봀AN Protocol
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527 Datasheet(HTML) 6 Page - InnovASIC, Inc

Back Button IA82527 Datasheet HTML 2Page - InnovASIC, Inc IA82527 Datasheet HTML 3Page - InnovASIC, Inc IA82527 Datasheet HTML 4Page - InnovASIC, Inc IA82527 Datasheet HTML 5Page - InnovASIC, Inc IA82527 Datasheet HTML 6Page - InnovASIC, Inc IA82527 Datasheet HTML 7Page - InnovASIC, Inc IA82527 Datasheet HTML 8Page - InnovASIC, Inc IA82527 Datasheet HTML 9Page - InnovASIC, Inc IA82527 Datasheet HTML 10Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
IA82527
Data Sheet
CAN Serial Communications Controller
December 20, 2012
IA211080504-07
http://www.innovasic.com
Customer Support:
Page 6 of 58
(888) 824-4184
1.
Introduction
The Innovasic Semiconductor IA82527 Controller Area Network (CAN) Serial Communications
Controller is a form, fit, and function replacement for the original Intel
® 82527 Serial
Communications Controller.
These devices are produced using Innovasic’s Managed IC Lifetime Extension System
(MILES™). This cloning technology, which produces replacement ICs beyond simple
emulations, ensures complete compatibility with the original device, including any
“undocumented features.” Additionally, MILES™ captures the clone design in such a way that
production of the clone can continue even as silicon technology advances.
The IA82527 Serial Communications Controller replaces the obsolete Intel 82527 device,
allowing users to retain existing board designs, software compilers/assemblers, and emulation
tools, thereby avoiding expensive redesign efforts.
1.1
General Description
CAN protocol uses a multi-master CSMA/CR (Carrier Sense, Multiple Access with Collision
Resolution) bus to transfer message objects between network nodes.
The IA82527 support CAN Specification 2.0 Part A and B, standard and extended message
frames, and has the capability to transmit, receive, and perform message filtering on standard and
extended message frames.
The IA82527 can store 15 message objects of 8-byte data length. Each message object can be
configured as either transmit or receive except for message object 15, which is receive-only.
Message object 15 also provides a special acceptance mask designed to filter message identifiers
that are received.
The IA82527 also provides a programmable acceptance mask that allows users to globally mask
any identifier bits of the incoming message. This global mask can be used for both standard and
extended message frames.
The IA82527 is capable of operating at 5.0 or 3.3 volts. This datasheet discusses both modes of
operation. Where applicable, characteristics specific to either 3.3 or 5.0 volt operation are
identified separately throughout this datasheet.
The IA82527 is manufactured in a reliable 5-volt process technology and is available in 44-lead
PLCC or PQFP RoHS packages for the automotive temperature range (-40°C to 125°C).


Similar Part No. - IA82527

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
   Serial Communications Controller CAN Protocol
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 58P
   Serial Communications Controller - CAN Protocol
IA82527-PLC44A INNOVASIC-IA82527-PLC44A Datasheet
1Mb / 45P
   Serial Communications Controller CAN Protocol
IA82527-PLC44A-R INNOVASIC-IA82527-PLC44A-R Datasheet
1Mb / 45P
   Serial Communications Controller CAN Protocol
IA82527-PTQ44A INNOVASIC-IA82527-PTQ44A Datasheet
1Mb / 45P
   Serial Communications Controller CAN Protocol
More results

Similar Description - IA82527

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
   Serial Communications Controller CAN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
   Serial Communications Controller - CAN Protocol
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
82527 INTEL-82527 Datasheet
239Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com