Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25575MHX Datasheet(PDF) 9 Page - Texas Instruments

Part # LM25575MHX
Description  LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25575MHX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM25575MHX Datasheet HTML 5Page - Texas Instruments LM25575MHX Datasheet HTML 6Page - Texas Instruments LM25575MHX Datasheet HTML 7Page - Texas Instruments LM25575MHX Datasheet HTML 8Page - Texas Instruments LM25575MHX Datasheet HTML 9Page - Texas Instruments LM25575MHX Datasheet HTML 10Page - Texas Instruments LM25575MHX Datasheet HTML 11Page - Texas Instruments LM25575MHX Datasheet HTML 12Page - Texas Instruments LM25575MHX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
FB
SW
RT
VIN
BST
SD
5V
S
R
Q
Q
AGND
IS
CLK
+
SS
PRE
3
2
10
6
5
4
7
8
11
9
12
1
SD
Ir
LM25575
SHUTDOWN
STANDBY
7V
REGULATOR
SYNC
SYNC
OSCILLATOR
RAMP
OUT
PGND
CLK
CLK
COMP
ERROR
AMP
R3
21k
C3
470p
C11
330p
R7
10
C9
10
C10
120
R6
1.65k
R5
5.11k
L1
47 PH
C7
0.022
C8
0.47
D1
CMSH3-60
13
15
14
16
THERMAL
SHUTDOWN
UVLO
UVLO
CLK
DIS
VCC
LEVEL
SHIFT
DRIVER
1.225V
1.225V
0.7V
0.7V
R4
49.9k
C5
0.01
C6
open
R2
OPEN
C12
OPEN
C4
0.01
C2
1.0
C1
1.0
R1
OPEN
7V - 42V
VIN
VIN
2.1V
PWM
C_LIMIT
10 PA
5 PA
VIN
TRACK
SAMPLE
and
HOLD
1V/A
RAMP GENERATOR
Ir = (10 PA x (VIN ± VOUT))
+ 50 PA
LM25575, LM25575-Q1
www.ti.com
SNVS479G – JANUARY 2007 – REVISED APRIL 2013
TYPICAL APPLICATION CIRCUIT AND BLOCK DIAGRAM
Detailed Operating Description
The LM25575 switching regulator features all of the functions necessary to implement an efficient high voltage
buck regulator using a minimum of external components. This easy to use regulator integrates a 42V N-Channel
buck switch with an output current capability of 1.5 Amps. The regulator control method is based on current
mode control utilizing an emulated current ramp. Peak current mode control provides inherent line voltage feed-
forward, cycle-by-cycle current limiting, and ease of loop compensation. The use of an emulated control ramp
reduces noise sensitivity of the pulse-width modulation circuit, allowing reliable processing of very small duty
cycles necessary in high input voltage applications. The operating frequency is user programmable from 50kHz
to 1MHz. An oscillator synchronization pin allows multiple LM25575 regulators to self synchronize or be
synchronized to an external clock. The output voltage can be set as low as 1.225V. Fault protection features
include, current limiting, thermal shutdown and remote shutdown capability. The device is available in the
HTSSOP-16 package featuring an exposed pad to aid thermal dissipation.
The functional block diagram and typical application of the LM25575 are shown in Typical Application Circuit and
Block Diagram. The LM25575 can be applied in numerous applications to efficiently step-down a high,
unregulated input voltage. The device is well suited for telecom, industrial and automotive power bus voltage
ranges.
High Voltage Start-Up Regulator
The LM25575 contains a dual-mode internal high voltage startup regulator that provides the Vcc bias supply for
the PWM controller and boot-strap MOSFET gate driver. The input pin (VIN) can be connected directly to the
input voltage, as high as 42 Volts. For input voltages below 9V, a low dropout switch connects Vcc directly to
Vin. In this supply range, Vcc is approximately equal to Vin. For Vin voltage greater than 9V, the low dropout
switch is disabled and the Vcc regulator is enabled to maintain Vcc at approximately 7V. The wide operating
range of 6V to 42V is achieved through the use of this dual mode regulator.
The output of the Vcc regulator is current limited to 25mA. Upon power up, the regulator sources current into the
capacitor connected to the VCC pin. When the voltage at the VCC pin exceeds the Vcc UVLO threshold of 5.35V
and the SD pin is greater than 1.225V, the output switch is enabled and a soft-start sequence begins. The output
switch remains enabled until Vcc falls below 5.0V or the SD pin falls below 1.125V.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25575 LM25575-Q1


Similar Part No. - LM25575MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25575MHX TI-LM25575MHX Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575MHX/NOPB TI-LM25575MHX/NOPB Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575MHX/NOPB TI1-LM25575MHX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
More results

Similar Description - LM25575MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM22671MRE-50 TI-LM22671MRE-50 Datasheet
1Mb / 25P
[Old version datasheet]   LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com