Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA211AIDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211AIDR
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211AIDR Datasheet(HTML) 4 Page - Texas Instruments

  OPA211AIDR Datasheet HTML 1Page - Texas Instruments OPA211AIDR Datasheet HTML 2Page - Texas Instruments OPA211AIDR Datasheet HTML 3Page - Texas Instruments OPA211AIDR Datasheet HTML 4Page - Texas Instruments OPA211AIDR Datasheet HTML 5Page - Texas Instruments OPA211AIDR Datasheet HTML 6Page - Texas Instruments OPA211AIDR Datasheet HTML 7Page - Texas Instruments OPA211AIDR Datasheet HTML 8Page - Texas Instruments OPA211AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ELECTRICAL CHARACTERISTICS: VS = ±2.25V to ±18V
OPA211
OPA2211
SBOS377G – OCTOBER 2006 – REVISED MAY 2009...................................................................................................................................................... www.ti.com
BOLDFACE limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
Standard Grade
High Grade
OPA211AI, OPA2211AI
OPA211I
(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
OPA211
VS = ±15V
±30
±125
±20
±50
µV
OPA2211
VS = ±15V
±50
±150
µV
Drift
dVOS/dT
0.35
1.5
0.15
0.85
µV/°C
vs Power Supply
PSRR
VS = ±2.25V to ±18V
0.1
1
0.1
0.5
µV/V
Over Temperature
3
3
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
VCM = 0V
±60
±175
±50
±125
nA
Over Temperature
OPA211
±200
±200
nA
OPA2211
±250
nA
Offset Current
IOS
VCM = 0V
±25
±100
±20
±75
nA
Over Temperature
±150
±150
nA
NOISE
Input Voltage Noise
en
f = 0.1Hz to 10Hz
80
80
nVPP
Input Voltage Noise Density
f = 10Hz
2
2
nV/
√Hz
f = 100Hz
1.4
1.4
nV/
√Hz
f = 1kHz
1.1
1.1
nV/
√Hz
Input Current Noise Density
In
f = 10Hz
3.2
3.2
pA/
√Hz
f = 1kHz
1.7
1.7
pA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
VS ≥ ±5V
(V–) + 1.8
(V+) – 1.4
(V–) + 1.8
(V+) – 1.4
V
VS < ±5V
(V–) + 2
(V+) – 1.4
(V–) + 2
(V+) – 1.4
V
Common-Mode Rejection Ratio
CMRR
VS ≥ ±5V, (V–) + 2V ≤ VCM ≤ (V+) – 2V
114
120
114
120
dB
VS < ±5V, (V–) + 2V ≤ VCM ≤ (V+) – 2V
110
120
110
120
dB
INPUT IMPEDANCE
Differential
20k || 8
20k || 8
Ω || pF
Common-Mode
Ω || pF
10
9 || 2
10
9 || 2
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
(V–) + 0.2V
≤ VO ≤ (V+) – 0.2V,
114
130
114
130
dB
RL = 10kΩ
AOL
(V–) + 0.6V
≤ VO ≤ (V+) – 0.6V,
110
114
110
114
dB
RL = 600Ω
Over Temperature
OPA211
AOL
(V–) + 0.6V
≤ VO ≤ (V+) – 0.6V,
110
110
dB
IO ≤ 15mA
OPA211
AOL
(V–) + 0.6V
≤ VO ≤ (V+) – 0.6V,
103
103
dB
15mA
≤ IO ≤ 30mA
OPA2211 (per channel)
AOL
(V–) + 0.6V
≤ VO ≤ (V+)–0.6V,
100
dB
IO ≤ 15mA
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
G = 100
80
80
MHz
G = 1
45
45
MHz
Slew Rate
SR
27
27
V/
µs
Settling Time, 0.01%
tS VS = ±15V, G = –1, 10V Step, CL = 100pF
400
400
ns
0.0015% (16-bit)
VS = ±15V, G = –1, 10V Step, CL = 100pF
700
700
ns
Overload Recovery Time
G = –10
500
500
ns
Total Harmonic Distortion + Noise
THD+N
G = +1, f = 1kHz,
0.000015
0.000015
%
VO = 3VRMS, RL = 600Ω
–136
–136
dB
(1)
Shaded cells indicate different specifications from standard-grade version of device.
4
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA211 OPA2211


Similar Part No. - OPA211AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211AIDR TI-OPA211AIDR Datasheet
329Kb / 9P
[Old version datasheet]   1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
OPA211AIDR TI1-OPA211AIDR Datasheet
1Mb / 45P
[Old version datasheet]   Low Power, Precision Operational Amplifier
OPA211AIDRG4 TI1-OPA211AIDRG4 Datasheet
1Mb / 45P
[Old version datasheet]   Low Power, Precision Operational Amplifier
OPA211AIDRGR TI1-OPA211AIDRGR Datasheet
1Mb / 45P
[Old version datasheet]   Low Power, Precision Operational Amplifier
OPA211AIDRGT TI1-OPA211AIDRGT Datasheet
1Mb / 45P
[Old version datasheet]   Low Power, Precision Operational Amplifier
More results

Similar Description - OPA211AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211 TI1-OPA211 Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211 TI-OPA211_08 Datasheet
634Kb / 17P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211 TI-OPA211 Datasheet
329Kb / 9P
[Old version datasheet]   1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
OPA211-EP TI1-OPA211-EP Datasheet
592Kb / 23P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-EP TI-OPA211-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-HT TI1-OPA211-HT Datasheet
672Kb / 26P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI-OPA2211-HT_15 Datasheet
420Kb / 22P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-EP TI-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   OPA2211-EP 1.1-nV/?숰z Noise, Low-Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
[Old version datasheet]   35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com