Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4274V10 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4274V10
Description  Low Drop Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274V10 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4274V10 Datasheet HTML 2Page - Infineon Technologies AG TLE4274V10 Datasheet HTML 3Page - Infineon Technologies AG TLE4274V10 Datasheet HTML 4Page - Infineon Technologies AG TLE4274V10 Datasheet HTML 5Page - Infineon Technologies AG TLE4274V10 Datasheet HTML 6Page - Infineon Technologies AG TLE4274V10 Datasheet HTML 7Page - Infineon Technologies AG TLE4274V10 Datasheet HTML 8Page - Infineon Technologies AG TLE4274V10 Datasheet HTML 9Page - Infineon Technologies AG TLE4274V10 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Table 4
Characteristics
V
I = 13.5 V; -40 °C < Tj < 150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Measuring Conditions
Min.
Typ.
Max.
Output voltage
V50-Version
V
Q
4.8
5
5.2
V
5 mA <
I
Q < 400 mA
6 V <
V
I < 28 V
Output voltage
V50-Version
V
Q
4.8
5
5.2
V
5 mA <
I
Q < 200 mA
6 V <
V
I < 40 V
Output voltage
V85-Version
V
Q
8.16
8.5
8.84
V
5 mA <
I
Q < 400 mA
9.5 V <
V
I < 28 V
Output voltage
V85-Version
V
Q
8.16
8.5
8.84
V
5 mA <
I
Q < 200 mA
9.5 V <
V
I < 40 V
Output voltage
V10-Version
V
Q
9.6
10
10.4
V
5 mA <
I
Q < 400 mA
11 V <
V
I < 28 V
Output voltage
V10-Version
V
Q
9.6
10
10.4
V
5 mA <
I
Q < 200 mA
11 V <
V
I < 40 V
Output current
limitation
1)
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value obtained at VI = 13.5 V.
I
Q
400
600
mA
Current
consumption;
I
q = II - IQ
I
q
100
220
μA
I
Q = 1 mA
Current
consumption;
I
q = II - IQ
I
q
I
q
8
20
15
30
mA
mA
I
Q = 250 mA
I
Q = 400 mA
Drop voltage
1)
V
dr
250
500
mV
I
Q = 250 mA
V
dr = VI - VQ
Load regulation
ΔV
Q
20
50
mV
I
Q = 5 mA to 400 mA
Line regulation
ΔV
Q
10
25
mV
ΔV
l = 12 V to 32 V
I
Q = 5 mA
Power supply
ripple rejection
PSRR
60
dB
f
r = 100 Hz;
V
r = 0.5 Vpp
Temperature
output voltage drift
d
V
Q/dT
0.5
mV/K –
Data Sheet
6
Rev. 1.7, 2011-01-20
TLE 4274


Similar Part No. - TLE4274V10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4274V10 SIEMENS-TLE4274V10 Datasheet
81Kb / 13P
   Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4274V10 INFINEON-TLE4274V10 Datasheet
207Kb / 16P
   Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
Rev. 1.6, 2007-01-23
TLE4274V10 INFINEON-TLE4274V10 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
More results

Similar Description - TLE4274V10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com