Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4291E Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4291E
Description  Low Drop Out Linear Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4291E Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4291E Datasheet HTML 7Page - Infineon Technologies AG TLE4291E Datasheet HTML 8Page - Infineon Technologies AG TLE4291E Datasheet HTML 9Page - Infineon Technologies AG TLE4291E Datasheet HTML 10Page - Infineon Technologies AG TLE4291E Datasheet HTML 11Page - Infineon Technologies AG TLE4291E Datasheet HTML 12Page - Infineon Technologies AG TLE4291E Datasheet HTML 13Page - Infineon Technologies AG TLE4291E Datasheet HTML 14Page - Infineon Technologies AG TLE4291E Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TLE4291
Voltage Regulator
Data Sheet
11
Rev. 1.1, 2012-12-03
5.3
Typical Performance Characteristics Voltage Regulator
Output Voltage
V
Q versus
Junction Temperature
T
j
Output Current
I
Q versus
Input Voltage
V
I
Output Current
I
Q versus
Input Voltage
V
I
Output Capacitor Series Resistor ESR(
C
Q) versus
Output Current
I
Q
01_VQ_TJ.vsd
4.80
4.90
5.00
5.10
5.20
-40
0
40
80
120
160
Tj [°C]
VI = 7 V
IQ = 5 mA
0
100
200
300
400
500
600
700
800
900
1000
1100
2
2.5
3
3.5
4
4.5
5
VI [V]
Tj = -40°C
Tj = 25°C
Tj = 150°C
03_IQmax_VI.vsd
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
30
35
40
VI [V]
Tj = -40 °C
Tj = 25 °C
Tj = 150 °C
02_IQmax_VI.vsd
0.01
0.1
1
10
100
0
80
160
240
320
400
IQ [mA]
CQ = 22 μF
Tj = -40..150 °C
VI = 6V..28 V
Unstable
Region
Stable
Region
04_ESR_IQ.vsd


Similar Part No. - TLE4291E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4290 INFINEON-TLE4290 Datasheet
210Kb / 18P
   5-V Low-Drop Voltage Regulator
Rev. 1.4 2001-10-18
TLE4290 INFINEON-TLE4290 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4290D INFINEON-TLE4290D Datasheet
210Kb / 18P
   5-V Low-Drop Voltage Regulator
Rev. 1.4 2001-10-18
TLE4290D INFINEON-TLE4290D Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4290G INFINEON-TLE4290G Datasheet
210Kb / 18P
   5-V Low-Drop Voltage Regulator
Rev. 1.4 2001-10-18
More results

Similar Description - TLE4291E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com