Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2574IPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2574IPW
Description  5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2574IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC2574IPW Datasheet HTML 5Page - Texas Instruments TLC2574IPW Datasheet HTML 6Page - Texas Instruments TLC2574IPW Datasheet HTML 7Page - Texas Instruments TLC2574IPW Datasheet HTML 8Page - Texas Instruments TLC2574IPW Datasheet HTML 9Page - Texas Instruments TLC2574IPW Datasheet HTML 10Page - Texas Instruments TLC2574IPW Datasheet HTML 11Page - Texas Instruments TLC2574IPW Datasheet HTML 12Page - Texas Instruments TLC2574IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
9
WWW.TI.COM
TLC3574I N package device AC/DC performance
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
DC Accuracy—Normal Long Sampling
EL
Integral linearity error
See Note 3
−1.5
±1
1.5
LSB
ED
Differential linearity error
−1
±0.8
1.5
LSB
EO
Bipolar zero error
See Note 4
−0.30
±0.08
0.36
%FS
EFS(+)
Positive full scale error
See Note 4
−0.55
±0.04
0.61
%FS
EFS(−)
Negative full scale error
See Note 4
−0.30
±0.13
0.79
%FS
DC Accuracy—Normal Short Sampling
EL
Integral linearity error
See Note 3
±1.8
LSB
ED
Differential linearity error
±0.8
LSB
EO
Bipolar zero error
See Note 4
±0.08
%FS
EFS(+)
Positive full-scale error
See Note 4
±0.04
%FS
EFS(−)
Negative full-scale error
See Note 4
±0.13
%FS
AC Accuracy (see Note 3)—Normal Long Sampling
SINAD
Signal-to-noise ratio + distortion
fi = 20 kHz
75
78
dB
SINAD
Signal-to-noise ratio + distortion
fi = 100 kHz
75
dB
THD
Total harmonic distortion
fi = 20 kHz
−82
−77
dB
THD
Total harmonic distortion
fi = 100 kHz
−75
dB
SNR
Signal-to-noise ratio
fi = 20 kHz
78
80
dB
SNR
Signal-to-noise ratio
fi = 100 kHz
76
dB
ENOB
Effective number of bits
fi = 20 kHz
12.2
12.7
Bits
ENOB
Effective number of bits
fi = 100 kHz
12.2
Bits
SFDR
Spurious free dynamic range
fi = 20 kHz
78
83
dB
SFDR
Spurious free dynamic range
fi = 100 kHz
75
dB
Channel-to-channel isolation
Fixed channel in conversion mode 00, fi = 35 kHz,
See Notes 2 and 5
81
dB
Analog input bandwidth
Full power bandwidth, −3 dB
1
MHz
Analog input bandwidth
Full power bandwidth, −1 dB
700
kHz
† All typical values are at TA = 25°C.
NOTES:
2. This is for a fixed channel in conversion mode 00 or 01. When switching the channels, additional multiplexer setting time is required
to overcome the memory effect of the charge redistribution DAC.
3. Linear error is the maximum deviation from the best fit straight line through the A/D transfer characteristics.
4. Bipolar zero error is the difference between 10000000000000 and the converted output for zero input voltage; positive full-scale error
is the difference between 11111111111111 and the converted output for positive full-scale input voltage (10 V); negative full-scale
error is the difference between 00000000000000 and the converted output for negative full-scale input voltage (−10 V).
5. It is measured by applying a full-scale of 35 kHz signal to other channels and determining how much the signal is attenuated in the
channel of interest. The converter samples this examined channel continuously. The channel-to-channel isolation is degraded if the
converter samples different channels alternately.


Similar Part No. - TLC2574IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2574IPW TI-TLC2574IPW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC2574IPWG4 TI-TLC2574IPWG4 Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
More results

Similar Description - TLC2574IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2574 TI-TLC2574 Datasheet
706Kb / 39P
[Old version datasheet]   5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3574IDW TI-TLC3574IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544 TI-TLC3544_07 Datasheet
926Kb / 42P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC2578IDWR TI-TLC2578IDWR Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI1-TLC2554_14 Datasheet
1Mb / 50P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com