Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5624CDG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5624CDG4
Description  2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5624CDG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV5624CDG4 Datasheet HTML 1Page - Texas Instruments TLV5624CDG4 Datasheet HTML 2Page - Texas Instruments TLV5624CDG4 Datasheet HTML 3Page - Texas Instruments TLV5624CDG4 Datasheet HTML 4Page - Texas Instruments TLV5624CDG4 Datasheet HTML 5Page - Texas Instruments TLV5624CDG4 Datasheet HTML 6Page - Texas Instruments TLV5624CDG4 Datasheet HTML 7Page - Texas Instruments TLV5624CDG4 Datasheet HTML 8Page - Texas Instruments TLV5624CDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TLV5624
2.7V TO 5.5V LOW POWER 8BIT DIGITALTOANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS235B − JULY 1999 − REVISED APRIL 2004
5
WWW.TI.COM
electrical characteristics over recommended operating conditions (unless otherwise noted)
(Continued)
reference pin configured as input (REF)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage
0
VDD−1.5
V
RI
Input resistance
10
M
CI
Input capacitance
5
pF
Reference input bandwidth
REF = 0.2 Vpp + 1.024 V dc
Fast
1.3
MHz
Reference input bandwidth
REF = 0.2 Vpp + 1.024 V dc
Slow
525
kHz
Reference feedthrough
REF = 1 Vpp at 1 kHz + 1.024 V dc (see Note 10)
−80
dB
NOTE 10: Reference feedthrough is measured at the DAC output with an input code = 0x000.
digital inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level digital input current
VI = VDD
1
µA
IIL
Low-level digital input current
VI = 0 V
−1
µA
Ci
Input capacitance
8
pF
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ts(FS)
Output settling time, full scale
RL = 10 kΩ,CL = 100 pF,
Fast
1
3
s
ts(FS)
Output settling time, full scale
RL = 10 kΩ,CL = 100 pF,
See Note 11
Slow
3.5
7
µs
ts(CC)
Output settling time, code to code
RL = 10 kΩ,CL = 100 pF,
Fast
0.5
1.5
s
ts(CC)
Output settling time, code to code
RL = 10 kΩ,CL = 100 pF,
See Note 12
Slow
1
2
µs
SR
Slew rate
RL = 10 kΩ,CL = 100 pF,
Fast
8
V/ s
SR
Slew rate
RL = 10 kΩ,CL = 100 pF,
See Note 13
Slow
1.5
V/
µs
Glitch energy
DIN = 0 to 1,
fCLK = 100 kHz,
CS = VDD
5
nV−S
SNR
Signal-to-noise ratio
53
57
S/(N+D)
Signal-to-noise + distortion
fs = 480 kSPS, fout = 1 kHz,
48
47
dB
THD
Total harmonic distortion
fs = 480 kSPS, fout = 1 kHz,
RL = 10 kΩ,CL = 100 pF
−50
−48
dB
Spurious free dynamic range
RL = 10 k ,CL = 100 pF
50
62
NOTES: 11. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of 0x020 to 0xFDFand 0xFDF to 0x020 respectively. Not tested, assured by design.
12. Settling time is the time for the output signal to remain within
± 0.5 LSB of the final measured value for a digital input code change
of one count. Not tested, assured by design.
13. Slew rate determines the time it takes for a change of the DAC output from 10% to 90% full-scale voltage.


Similar Part No. - TLV5624CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5624CD TI-TLV5624CD Datasheet
906Kb / 21P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-VIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com