Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5624CDGKRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV5624CDGKRG4
Description  2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5624CDGKRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV5624CDGKRG4 Datasheet HTML 7Page - Texas Instruments TLV5624CDGKRG4 Datasheet HTML 8Page - Texas Instruments TLV5624CDGKRG4 Datasheet HTML 9Page - Texas Instruments TLV5624CDGKRG4 Datasheet HTML 10Page - Texas Instruments TLV5624CDGKRG4 Datasheet HTML 11Page - Texas Instruments TLV5624CDGKRG4 Datasheet HTML 12Page - Texas Instruments TLV5624CDGKRG4 Datasheet HTML 13Page - Texas Instruments TLV5624CDGKRG4 Datasheet HTML 14Page - Texas Instruments TLV5624CDGKRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TLV5624
2.7V TO 5.5V LOW POWER 8BIT DIGITALTOANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS235B − JULY 1999 − REVISED APRIL 2004
11
WWW.TI.COM
APPLICATION INFORMATION
serial interface (continued)
TMS320
DSP
XF0
CLKX
DX
FSX
XF1
TLV5624
CS
FS
DIN SCLK
TLV5624
CS
FS
DIN
SCLK
Figure 13. TMS320 Interface
If there is no need to have more than one device on the serial bus, then CS can be tied low. Figure 14 shows
an example of how to connect the TLV5624 to TMS320, SPI
 or Microwire using only three pins.
TMS320
DSP FSX
CLKX
DX
TLV5624
SCLK
DIN
FS
SPI
I/O
SCK
MOSI
TLV5624
SCLK
DIN
FS
Microwire
I/O
SK
SO
TLV5624
SCLK
DIN
FS
CS
CS
CS
Figure 14. Three-Wire Interface
Notes on SPI
 and Microwire: Before the controller starts the data transfer, the software has to generate a
falling edge on the I/O pin connected to FS. If the word width is 8 bits (SPI
 and Microwire), two write
operations must be performed to program the TLV5624. After the write operation(s), the DAC output is updated
automatically on the next positive clock edge following the 16th falling clock edge.
serial clock frequency and update rate
The maximum serial clock frequency is given by:
f
sclkmax +
1
t
whmin ) twlmin
+ 20 MHz
The maximum update rate is:
f
updatemax +
1
16 t
whmin ) twlmin
+ 1.25 MHz
Note that the maximum update rate is just a theoretical value for the serial interface, as the settling time of the
TLV5624 has to be considered, too.


Similar Part No. - TLV5624CDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5624CD TI-TLV5624CD Datasheet
906Kb / 21P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-VIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com