Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40060EVM Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS40060EVM
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40060EVM Datasheet(HTML) 1 Page - Texas Instruments

  TPS40060EVM Datasheet HTML 1Page - Texas Instruments TPS40060EVM Datasheet HTML 2Page - Texas Instruments TPS40060EVM Datasheet HTML 3Page - Texas Instruments TPS40060EVM Datasheet HTML 4Page - Texas Instruments TPS40060EVM Datasheet HTML 5Page - Texas Instruments TPS40060EVM Datasheet HTML 6Page - Texas Instruments TPS40060EVM Datasheet HTML 7Page - Texas Instruments TPS40060EVM Datasheet HTML 8Page - Texas Instruments TPS40060EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
UDG-02157
VIN
VOUT
5
13
12
16
15
1
2
3
4
11
6
7
8
14
10
9
+
-
KFF
RT
BP5
SGND
VIN
BPN10
SW
BP10
SYNC
ILIM
TPS40060PWP
SS/SD
VFB
COMP
HDRV
LDRV
PGND
8
TPS40060
TPS40061
www.ti.com
SLUS543F – DECEMBER 2002 – REVISED JUNE 2013
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Check for Samples: TPS40060, TPS40061
1
FEATURES
APPLICATIONS
2
Operating Input Voltage 10 V to 55 V
Networking Equipment
Input Voltage Feed-Forward Compensation
Telecom Equipment
< 1% Internal 0.7-V Reference
Base Stations
Programmable Fixed-Frequency, Up to 1-MHz
Servers
Voltage Mode Controller
DESCRIPTION
Internal Gate Drive Outputs for High-Side P-
The TPS40060 and TPS40061 are high-voltage, wide
Channel and Synchronous N-Channel
input (10 V to 55 V) synchronous, step-down
MOSFETs
converters.
16-Pin PowerPAD™ Package (
θJC = 2°C/W)
This family of devices offers design flexibility with a
Thermal Shutdown
variety of user programmable functions, including;
Externally Synchronizable
soft-start, UVLO, operating frequency, voltage feed-
Programmable High-Side Sense Short Circuit
forward,
high-side
current
limit,
and
loop
Protection
compensation.
These
devices
are
also
synchronizable to an external supply.
Programmable Closed-Loop Soft-Start
The TPS40060 and TPS40061 incorporate MOSFET
TPS40060 Source Only/TPS40061 Source/Sink
gate drivers for external P-channel high-side and N-
channel synchronous rectifier (SR) MOSFETs. Gate
drive logic incorporates anti-cross conduction circuitry
to prevent simultaneous high-side and synchronous
rectifier conduction.
SIMPLIFIED APPLICATION DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS40060EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060PWP TI-TPS40060PWP Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060PWP TI1-TPS40060PWP Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060PWPG4 TI1-TPS40060PWPG4 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40060EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com