Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40061PWPG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40061PWPG4
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40061PWPG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS40061PWPG4 Datasheet HTML 1Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 2Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 3Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 4Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 5Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 6Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 7Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 8Page - Texas Instruments TPS40061PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TPS40060
TPS40061
www.ti.com
SLUS543F – DECEMBER 2002 – REVISED JUNE 2013
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
5-V reference. This pin should be bypassed to ground with a 0.1-µF ceramic capacitor. This pin may be used with
BP5
3
O
an external DC load of 1 mA or less.
10-V reference used for gate drive of the N-channel synchronous rectifier. This pin should be bypassed by a 1-µF
BP10
11
O
ceramic capacitor. This pin may be used with an external DC load of 1 mA or less.
Negative 8-V reference with respect to VIN. This voltage is used to provide gate drive for the high side P-channel
BPN10
13
O
MOSFET. This pin should be bypassed to VIN with a 0.1-µF capacitor
Output of the error amplifier, input to the PWM comparator. A feedback network is connected from this pin to the
COMP
8
I
VFB pin to compensate the overall loop. The comp pin is internally clamped above the peak of the ramp to
improve large signal transient response.
Floating gate drive for the high-side P-channel MOSFET. This pin switches from VIN (MOSFET off) to BPN10
HDRV
14
O
(MOSFET on).
Current limit pin, used to set the overcurrent threshold. An internal current sink from this pin to ground sets a
ILIM
16
I
voltage drop across an external resistor connected from this pin to VIN. The voltage on this pin is compared to the
voltage drop (VIN -SW) across the high side MOSFET during conduction.
A resistor is connected from this pin to VIN to program the amount of voltage feed-forward. The current fed into
KFF
1
I
this pin is internally divided and used to control the slope of the PWM ramp.
Gate drive for the N-channel synchronous rectifier. This pin switches from BP10 (MOSFET on) to ground
LDRV
10
I
(MOSFET off).
Power ground reference for the device. There should be a low-impedance connection from this point to the source
PGND
9
of the power MOSFET.
A resistor is connected from this pin to ground to set the internal oscillator ramp charging current and switching
RT
2
I
frequency.
SGND
5
Signal ground reference for the device.
Soft-start programming pin. A capacitor connected from this pin to ground programs the soft-start time. The
capacitor is charged with an internal current source of 2.3 µA. The resulting voltage ramp on the SS pin is used as
a second non-inverting input to the error amplifier. The output voltage begins to rise when VSS/SD is approximately
SS/SD
6
I
0.85 V. The output continues to rise and reaches regulation when VSS/SD is approximately 1.55 V. The controller is
considered shut down when VSS/SD is 125 mV or less. All internal circuitry is inactive. The internal circuitry is
enabled when VSS/SD is 210 mV or greater. When VSS/SD is less than approximately 0.85 V, the outputs cease
switching and the output voltage (VOUT) decays while the internal circuitry remains active.
This pin is connected to the switched node of the converter and used for overcurrent sensing. This pin is used for
SW
12
I
zero current sensing in the TPS40060.
Synchronization input for the device. This pin can be used to synchronize the oscillator to an external master
SYNC
4
I
frequency.
Inverting input to the error amplifier. In normal operation the voltage on this pin is equal to the internal reference
VFB
7
I
voltage, 0.7 V.
VIN
15
I
Supply voltage for the device.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS40060 TPS40061


Similar Part No. - TPS40061PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40061PWPG4 TI1-TPS40061PWPG4 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40061PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com