Electronic Components Datasheet Search |
|
TPS2011D Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPS2011D Datasheet(HTML) 1 Page - Texas Instruments |
1 / 21 page TPS2010, TPS2011, TPS2012, TPS2013 POWER-DISTRIBUTION SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 95-mΩ Max (5.5-V Input) High-Side MOSFET Switch With Logic Compatible Enable Input D Short-Circuit and Thermal Protection D Typical Short-Circuit Current Limits: 0.4 A, TPS2010; 1.2 A, TPS2011; 2 A, TPS2012; 2.6 A, TPS2013 D Electrostatic-Discharge Protection, 12-kV Output, 6-kV All Other Terminals D Controlled Rise and Fall Times to Limit Current Surges and Minimize EMI D SOIC-8 Package Pin Compatible With the Popular Littlefoot ™ Series When GND Is Connected D 2.7-V to 5.5-V Operating Range D 10-µA Maximum Standby Current D Surface-Mount SOIC-8 and TSSOP-14 Packages D –40°C to 125°C Operating Junction Temperature Range description The TPS201x family of power-distribution switches is intended for applications where heavy capacitive loads and short circuits are likely to be encountered. The high-side switch is a 95-m Ω N-channel MOSFET. Gate drive is provided by an internal driver and charge pump designed to control the power switch rise times and fall times to minimize current surges during switching. The charge pump operates at 100 kHz, requires no external components, and allows operation from supplies as low as 2.7 V. When the output load exceeds the current-limit threshold or a short circuit is present, the TPS201x limits the output current to a safe level by switching into a constant-current mode. Continuous heavy overloads and short circuits increase power dissipation in the switch and cause the junction temperature to rise. If the junction temperature reaches approximately 180 °C, a thermal protection circuit shuts the switch off to prevent damage. Recovery from thermal shutdown is automatic once the device has cooled sufficiently. The members of the TPS201x family differ only in short-circuit current threshold. The TPS2010 is designed to limit at 0.4-A load; the other members of the family limit at 1.2 A, 2 A, and 2.6 A (see the available options table). The TPS201x family is available in 8-pin small-outline integrated circuit (SOIC) and 14-pin thin shink small-outline (TSSOP) packages and operates over a junction temperature range of – 40 °C to 125°C. Versions in the 8-pin SOIC package are drop-in replacements for Siliconix’s Littlefoot ™ power PMOS switches, except that GND must be connected. Copyright © 1995, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 8 7 6 5 GND IN IN EN OUT OUT OUT OUT D PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 GND IN IN IN IN IN EN OUT OUT OUT OUT OUT OUT OUT PW PACKAGE (TOP VIEW) |
Similar Part No. - TPS2011D |
|
Similar Description - TPS2011D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |