Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC971FDH129 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P89LPC971FDH129
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC971FDH129 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P89LPC971FDH129 Datasheet HTML 4Page - NXP Semiconductors P89LPC971FDH129 Datasheet HTML 5Page - NXP Semiconductors P89LPC971FDH129 Datasheet HTML 6Page - NXP Semiconductors P89LPC971FDH129 Datasheet HTML 7Page - NXP Semiconductors P89LPC971FDH129 Datasheet HTML 8Page - NXP Semiconductors P89LPC971FDH129 Datasheet HTML 9Page - NXP Semiconductors P89LPC971FDH129 Datasheet HTML 10Page - NXP Semiconductors P89LPC971FDH129 Datasheet HTML 11Page - NXP Semiconductors P89LPC971FDH129 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
8 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
P0.6/CMP1/KBI6
14
I/O
P0.6 — Port 0 bit 6. High current source.
O
CMP1 — Comparator 1 output.
I
KBI6 — Keyboard input 6.
P0.7/KBI7/T1
13
I/O
P0.7 — Port 0 bit 7. High current source.
I
KBI7 — Keyboard input 7.
I/O
T1 — Timer/counter 1 external count input or overflow output.
P1.0 to P1.7
I/O, I
[1]
Port 1: Port 1 is an 8-bit I/O port with a user-configurable output type, except for
three pins as noted below. During reset Port 1 latches are configured in the
input-only mode with the internal pull-up disabled. The operation of the configurable
Port 1 pins as inputs and outputs depends upon the port configuration selected.
Each of the configurable port pins are programmed independently. Refer to Section
7.16.1 “Port configurations” and Table 11 “Static characteristics” for details. P1.2 to
P1.3 are open drain when used as outputs. P1.5 is input only.
All pins have Schmitt trigger inputs.
Port 1 also provides various special functions as described below:
P1.0/TXD
12
I/O
P1.0 — Port 1 bit 0.
O
TXD — Transmitter output for serial port.
P1.1/RXD/T2EX
11
I/O
P1.1 — Port 1 bit 1.
I
RXD — Receiver input for serial port.
I
T2EX — Timer/counter 2 external capture input.
P1.2/SCL/T0
10
I/O
P1.2 — Port 1 bit 2 (open-drain when used as output).
I/O
SCL — I2C-bus serial clock input/output.
I/O
T0 — Timer/counter 0 external count input or overflow output. (open-drain when
used as output.)
P1.3/INT0/SDA/
T4
9I/O
P1.3 — Port 1 bit 3 (open-drain when used as output).
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C-bus serial data input/output.
I/O
T4 — Timer/counter 4 external count input or overflow output.
P1.4/INT1/T4EX/
SS
8I/O
P1.4 — Port 1 bit 4. High current source.
I
INT1 — External interrupt 1 input.
I
T4EX — Timer/counter 4 external capture input.
I
SS — SPI Slave select input (pin remap).
P1.5/RST
4I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during power-on or if selected via UCFG1. When
functioning as a reset input, a LOW on this pin resets the microcontroller, causing
I/O ports and peripherals to take on their default states, and the processor begins
execution at address 0. Also used during a power-on sequence to force ISP mode.
P1.6/MISO
3
I/O
P1.6 — Port 1 bit 6. High current source.
I/O
MISO — SPI master in slave out. When configured as master, this pin is input,
when configured as slave, this pin is output (pin remap).
Table 3.
Pin description …continued
Symbol
Pin
Type
Description
DIP20,
TSSOP20


Similar Part No. - P89LPC971FDH129

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC971FDH NXP-P89LPC971FDH Datasheet
459Kb / 66P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
Rev. 02-27 April 2010
More results

Similar Description - P89LPC971FDH129

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC970 NXP-P89LPC970 Datasheet
459Kb / 66P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
Rev. 02-27 April 2010
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC980 NXP-P89LPC980 Datasheet
560Kb / 85P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
Rev. 02-8 February 2010
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC9331 NXP-P89LPC9331_11 Datasheet
650Kb / 94P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
Rev. 5-10 January 2011
P89LPC92X1 NXP-P89LPC92X1 Datasheet
1Mb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
P89LPC933 NXP-P89LPC933 Datasheet
366Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008
P89LPC9331 NXP-P89LPC9331 Datasheet
433Kb / 93P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 03-2 June 2009
P89LPC933 PHILIPS-P89LPC933 Datasheet
372Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
Rev. 06-20 June 2005
P89LPC952 NXP-P89LPC952 Datasheet
339Kb / 69P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 04-24 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com