Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148-BP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1N4148-BP
Description  500mW High Speed Switching Diode 100 Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4148-BP Datasheet(HTML) 2 Page - Micro Commercial Components

  1N4148-BP Datasheet HTML 1Page - Micro Commercial Components 1N4148-BP Datasheet HTML 2Page - Micro Commercial Components 1N4148-BP Datasheet HTML 3Page - Micro Commercial Components 1N4148-BP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Instantaneous Forward Current - MilliAmperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
MilliAmps
Volts
Junction Capacitance - pF versus
Reverse Voltage - Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
.1
.2
.6
1
2
10
pF
Volts
6
4
.4
400
1000
TJ=25
°C
Admissable Power Dissipation - MilliWatts versus
Junction Temperature -
°C
Figure 2
Power Dissipation Derating Curve
0
175
50
75
100
125
0
100
200
300
MilliWatts
°C
150
400
500
600
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Revision: C
2013/02/18
1N4148
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - 1N4148-BP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N4148-B ETC2-1N4148-B Datasheet
98Kb / 2P
   1N4148 SIGNAL DIODE
More results

Similar Description - 1N4148-BP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4148 MCC-DL4148_11 Datasheet
462Kb / 4P
   500mW High Speed Switching Diode 100 Volt
1N4148 MCC-1N4148_11 Datasheet
212Kb / 4P
   500mW High Speed Switching Diode 100 Volt
DL4148-TP MCC-DL4148-TP Datasheet
469Kb / 4P
   500mW High Speed Switching Diode 100 Volt
logo
Shanghai Lunsure Electr...
DL4148 CHENYI-DL4148 Datasheet
100Kb / 3P
   500mw high speed switching diode 100 volt
logo
Micro Commercial Compon...
1N4148 MCC-1N4148_12 Datasheet
224Kb / 4P
   500mW High Speed Switching Diode 100 Volt
DL4148 MCC-DL4148_12 Datasheet
469Kb / 4P
   500mW High Speed Switching Diode 100 Volt Surface Mount Applications
DL914 MCC-DL914 Datasheet
361Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_14 Datasheet
378Kb / 4P
   500mW 100 Volt Silicon Switching Diode
DL4148 MCC-DL4148 Datasheet
77Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_11 Datasheet
723Kb / 4P
   500mW 100 Volt Silicon Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com