Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.0SMLJ24A Datasheet(PDF) 4 Page - Micro Commercial Components

Part # 5.0SMLJ24A
Description  Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

5.0SMLJ24A Datasheet(HTML) 4 Page - Micro Commercial Components

  5.0SMLJ24A Datasheet HTML 1Page - Micro Commercial Components 5.0SMLJ24A Datasheet HTML 2Page - Micro Commercial Components 5.0SMLJ24A Datasheet HTML 3Page - Micro Commercial Components 5.0SMLJ24A Datasheet HTML 4Page - Micro Commercial Components 5.0SMLJ24A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
t
d-Pulse Width (Sec.)
0.0000001
0.31x0.31" (8.0x8.0mm)
Copper Pad Area
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
0
20
40
60
80
100
0255075
100
125
150
175
T
j-Initial temperature (ºC)
1
10
100
1000
10000
100000
1.0
10.0100.0
1000.0
V
BR - Reverse Breakdown Voltage (V)
Bi-directional @ VR
Uni-directional V= OV
Bi-directional V= OV
Uni-directional @ VR
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0255075
100
125
150
175
T
A-Ambient Temperature (ºC)
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Peak Pulse Power or Current Derating Curve
vs Initial Junction Temperature
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
110
100
Number of Cycles at 60 Hz
0
50
100
150
200
250
300
350
Figure 6 - Maximum Non-Repetitive Peak Forward
Surge Current Uni-Directional Only
MC C
TM
Micro Commercial Components
5.0SMLJ11
CA~5.0SMLJ170CA
Revision: F
2013/01/01
www.mccsemi.com
4 of 5


Similar Part No. - 5.0SMLJ24A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
5.0SMLJ24A MCC-5.0SMLJ24A Datasheet
83Kb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ24A MCC-5.0SMLJ24A Datasheet
137Kb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ24A MCC-5.0SMLJ24A Datasheet
1Mb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ24A MCC-5.0SMLJ24A Datasheet
337Kb / 5P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt Low profile package
logo
MDE Semiconductor, Inc.
5.0SMLJ24A MDE-5.0SMLJ24A Datasheet
327Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5.0SMLJ24A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
50SMLJ11A MCC-50SMLJ11A_09 Datasheet
137Kb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ11A MCC-5.0SMLJ11A Datasheet
83Kb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ11A MCC-5.0SMLJ11A_11 Datasheet
1Mb / 4P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
5.0SMLJ11A MCC-5.0SMLJ11A_13 Datasheet
337Kb / 5P
   Transient Voltage Suppressor 11 to 170 Volts 5000 Watt Low profile package
5.0SMLJ11A MCC-5.0SMLJ11A_15 Datasheet
314Kb / 5P
   Transient Voltage Suppressor 11 to 400 Volts 5000 Watt
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com