Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCIDCC3B50AG1 Datasheet(PDF) 2 Page - Dubilier

Part # DBCIDCC3B50AG1
Description  IDC IDC BOX HEADER STRAIGHT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCC3B50AG1 Datasheet(HTML) 2 Page - Dubilier

  DBCIDCC3B50AG1 Datasheet HTML 1Page - Dubilier DBCIDCC3B50AG1 Datasheet HTML 2Page - Dubilier DBCIDCC3B50AG1 Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
323
IDC
BOX HEADER RIGHT ANGLE
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Gold plated contacts
2.54 mm pitch
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT & Glass-Fibre Reinforced UL-94V-0
Current Rating:
2 A DC
Contact Resistance:
30M Ω Max
Insulator Resistance:
3000M Ω Min
Dielectric Withstanding
Voltage:
500V AC for One Minute
Operating Temperature:
-40°C to + 105°C
DBC
IDC
C4
10
Dubilier
Connectors
IDC
Connector
Series
Contact Plating
G= Gold Flash
Colour
1=Black
08=8way
10=10way
12=12way
14=14way
16=16way
20=20way
24=24way
26=26way
30=30way
34=34way
40=40way
44=44way
50=50way
60=60way
64=64way
Contact Material
A=Brass
A
G
1
Nº of Ways
2.54
A
B
C
4.4
2.54
0.64
9.1
3.6
9.1
2.54
A
B
C
4.4
2.54
0.64
9.1
3.6
9.1
2.54
A
B
C
4.4
2.54
0.64
9.1
3.6
9.1
2.54
A
B
C
4.4
2.54
0.64
9.1
3.6
9.1
Position
A
B
C
10
20.30
18.10
10.16
14
25.38
23.18
15.24
16
27.92
25.72
17.78
20
33.00
30.80
22.86
24
38.08
35.88
27.94
26
40.62
38.42
30.48
30
45.70
43.50
35.56
34
50.78
48.58
40.64
40
58.40
56.20
48.26
44
63.48
61.28
53.34
48
68.56
66.36
58.42
50
71.10
68.90
60.96
60
83.80
81.60
73.66
64
88.88
86.88
78.74
SPECIFICATION
3.3
www.dubilier.co.uk


Similar Part No. - DBCIDCC3B50AG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC3B50AG1 DUBILIER-DBCIDCC3B50AG1 Datasheet
81Kb / 1P
   IDC BOX HEADER SMT 2.54mm
More results

Similar Description - DBCIDCC3B50AG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC310AG1 DUBILIER-DBCIDCC310AG1 Datasheet
86Kb / 1P
   IDC IDC BOX HEADER STRAIGHT
DBCIDCC710BS1 DUBILIER-DBCIDCC710BS1_11 Datasheet
452Kb / 5P
   IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1 Datasheet
87Kb / 1P
   IDC BOX HEADER STRAIGHT
DBCIDCC710BS1 DUBILIER-DBCIDCC710BS1 Datasheet
93Kb / 1P
   IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1_11 Datasheet
317Kb / 3P
   IDC BOX HEADER STRAIGHT
DBCIDCC4226BG1 DUBILIER-DBCIDCC4226BG1 Datasheet
91Kb / 1P
   IDC BOX HEADER STRAIGHT 1.27mm
logo
Adam Technologies, Inc.
FCP-XX-SG ADAM-TECH-FCP-XX-SG Datasheet
109Kb / 1P
   IDC BOX HEADER
logo
Assmann Electronics Inc...
AWHW2-14G-SMD-R ASSMANN-AWHW2-14G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
AWHW2-34G-SMD-R ASSMANN-AWHW2-34G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
AWHW2-16G-SMD-R ASSMANN-AWHW2-16G-SMD-R Datasheet
79Kb / 1P
   IDC Box Header, SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com