Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008LS-683XJL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1008LS-683XJL
Description  Chip Inductors -1008LS (2520)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008LS-683XJL Datasheet(HTML) 1 Page - Coilcraft lnc.

  1008LS-683XJL Datasheet HTML 1Page - Coilcraft lnc. 1008LS-683XJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Chip Inductors– 1008LS (2520)
Document 103-1
Document 103-1 Revised 01/21/13
Inductance2
Percent
SRF min4
DCR max5
Irms6
Color
Part number1
(µH)
tolerance
Q min3
(MHz)
(Ohms)
(mA)
code7
1008LS-102XJL_
1.0 @ 7.9 MHz
5
48 @50 MHz
230
0.62
700
Black
1008LS-122XJL_
1.2 @ 7.9 MHz
5
37 @50 MHz
210
0.68
650
Red
1008LS-152XJL_
1.5 @ 7.9 MHz
5
37 @50 MHz
190
0.76
630
Green
1008LS-182XJL_
1.8 @ 7.9 MHz
5
37 @50 MHz
170
0.84
600
Gray
1008LS-222XJL_
2.2 @ 7.9 MHz
5
37 @50 MHz
150
1.10
520
Red
1008LS-272XJL_
2.7 @ 7.9 MHz
5
37 @50 MHz
135
1.28
490
Violet
1008LS-332XJL_
3.3 @ 7.9 MHz
5
37 @50 MHz
120
1.46
450
Orange
1008LS-392XJL_
3.9 @ 7.9 MHz
5
37 @7.9 MHz
105
1.56
420
White
1008LS-432XJL_
4.3 @ 7.9 MHz
5
30 @ 7.9 MHz
85
1.70
400
Orange
1008LS-472XJL_
4.7 @ 7.9 MHz
5
32 @7.9 MHz
90
1.68
400
Violet
1008LS-502XJL_
5.0 @ 7.9 MHz
5
25 @ 7.9 MHz
30
2.20
360
Black
1008LS-562XJL_
5.6 @ 7.9 MHz
5
37 @7.9 MHz
80
1.82
380
Blue
1008LS-622XJL_
6.2 @ 7.9 MHz
5
32 @ 7.9 MHz
75
2.50
330
Red
1008LS-682XJL_
6.8 @ 7.9 MHz
5
37 @7.9 MHz
70
2.00
360
Gray
1008LS-822XJL_
8.2 @ 7.9 MHz
5
37 @7.9 MHz
65
2.65
330
Red
1008LS-912XJL_
9.1 @ 7.9 MHz
5
37 @ 7.9 MHz
57
2.90
310
Brown
1008LS-103XJL_
10 @ 7.9 MHz
5
37 @7.9 MHz
60
2.95
300
Black
1008LS-123XJL_
12 @ 2.5 MHz
5
28 @ 2.5 MHz
38
3.30
290
Red
1008LS-153XJL_
15 @ 2.5 MHz
5
34 @ 2.5 MHz
30
3.70
280
Green
1008LS-183XJL_
18 @ 2.5 MHz
5
28 @ 2.5 MHz
26
4.00
160
Gray
1008LS-223XJL_
22 @ 2.5 MHz
5
20 @ 2.5 MHz
22
6.14
270
Red
1008LS-273XJL_
27 @ 2.5 MHz
5
24 @ 2.5 MHz
12
6.45
210
Violet
1008LS-333XJL_
33 @ 2.5 MHz
5
22 @ 2.5 MHz
19
7.00
200
Orange
1008LS-393XJL_
39 @ 2.5 MHz
5
33 @ 2.5 MHz
26
10.0
170
White
1008LS-473XJL_
47 @ 2.5 MHz
5
20 @ 2.5 MHz
12
10.7
160
Violet
1008LS-563XJL_
56 @ 2.5 MHz
5
20 @ 2.5 MHz
8.0
10.0
170
Blue
1008LS-683XJL_
68 @ 0.79 MHz
5
14 @ 0.79 MHz
5.7
13.5
145
Gray
1008LS-104XJL_
100 @ 0.79 MHz
5
13 @ 0.79 MHz
4.5
20.5
120
Black
1. When ordering, please specify
termination and packaging codes:
1008LS-103XJLC
Termination: L =RoHS compliant silver-palladium-platinum-glass frit.
E=Halogen free component. RoHS compliant silver-
palladium-platinum-glass frit terminations.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C=7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B=Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D=13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (7500 parts per
full reel).
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/
HP 4286A impedance analyzer with Coilcraft-provided correlation pieces.
3. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture.
4. SRF measured using an Agilent/HP 8753D network analyzer with a
Coilcraft SMD-D fixture.
5. DCR measured on a Cambridge Technology Micro-ohmmeter.
6. Current that causes a 15°C temperature rise from 25°C. Because of
their open construction, these parts will not saturate.
7. Current production parts are marked with one dot. Prior production parts
were marked with three dots. Part marking does not indicate polarity.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• Lower DCR than other 1008 inductors
• Ferrite construction for high current handling
• Inductance values: 1.0 – 100 µH
Designer’s Kit C336 contains 10 of each stocked value
Core material Ceramic/Ferrite
Environmental RoHS compliant, halogen free optional
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 38.3 – 41.0 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+100°C with derated current
Storage temperature Component: –40°C to +100°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +100 to +350 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel Plastic tape: 8 mm wide, 0.3 mm thick,
4 mm pocket spacing, 2.0 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf
Request free evaluation samples by contacting Coilcraft
or visiting
www.coilcraft.com.


Similar Part No. - 1008LS-683XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008LS-683XJL COILCRAFT-1008LS-683XJL Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-683XJL COILCRAFT-1008LS-683XJL Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-683XJL COILCRAFT-1008LS-683XJL Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-683XJLD COILCRAFT-1008LS-683XJLD Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
1008LS-683XJLD COILCRAFT-1008LS-683XJLD Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
More results

Similar Description - 1008LS-683XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008LS-473XJLB COILCRAFT-1008LS-473XJLB Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
1008LS-103XJLC COILCRAFT-1008LS-103XJLC Datasheet
151Kb / 2P
   Chip Inductors - 1008LS (2520)
1008LS-393XJLB COILCRAFT-1008LS-393XJLB Datasheet
100Kb / 2P
   Chip Inductors - 1008LS (2520)
1008LS-182XJLB COILCRAFT-1008LS-182XJLB Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-472XJBC COILCRAFT-1008LS-472XJBC Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008LS-152XKBC COILCRAFT-1008LS-152XKBC Datasheet
100Kb / 2P
   Chip Inductors ??1008LS
1008HS-391TJLC COILCRAFT-1008HS-391TJLC Datasheet
88Kb / 2P
   Chip Inductors - 1008HS (2520)
1008HQ-39NXGLC COILCRAFT-1008HQ-39NXGLC Datasheet
93Kb / 2P
   Chip Inductors - 1008HQ (2520)
1008HS-102TGLC COILCRAFT-1008HS-102TGLC Datasheet
126Kb / 2P
   Chip Inductors ??1008HS (2520)
1008CT-900XGLC COILCRAFT-1008CT-900XGLC Datasheet
99Kb / 2P
   Chip Inductors ??1008CT (2520)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com