Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHF9Z34-E3 Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # SIHF9Z34-E3
Description  Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated P-Channel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

SIHF9Z34-E3 Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  SIHF9Z34-E3 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. SIHF9Z34-E3 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. SIHF9Z34-E3 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. SIHF9Z34-E3 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. SIHF9Z34-E3 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. SIHF9Z34-E3 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. SIHF9Z34-E3 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IRF9Z34, SiHF9Z34
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
G
D.U.T.
- 10 V
V
DS
V
DD
V
GS
10 %
90 %
V
DS
t
d(on)
t
r
t
d(off)
t
f
R
G
IAS
0.01
Ω
tp
D.U.T
L
V
DS
+
-
V
DD
- 10 V
Vary tp to obtain
required IAS
IAS
VDS
VDD
VDS
tp
www.kersemi.com


Similar Part No. - SIHF9Z34-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHF9Z34-E3 VISHAY-SIHF9Z34-E3 Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 16-Jun-08
More results

Similar Description - SIHF9Z34-E3

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF540PBF KERSEMI-IRF540PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFR110 KERSEMI-IRFR110 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFP240 KERSEMI-IRFP240 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF630PBF KERSEMI-IRF630PBF Datasheet
5Mb / 8P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFBE30 KERSEMI-IRFBE30 Datasheet
1Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF640PBF KERSEMI-IRF640PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated Fast Switching
logo
International Rectifier
2N7524 IRF-2N7524 Datasheet
18Kb / 1P
   Repetitive Avalanche and dv/dt Rated MOSFET Transistor P-Channel
2N7522 IRF-2N7522 Datasheet
18Kb / 1P
   Repetitive Avalanche and dv/dt Rated MOSFET Transistor P-Channel
IRFM150 IRF-IRFM150 Datasheet
312Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED
IRFE330 IRF-IRFE330 Datasheet
133Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com