Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHFU9110 Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # SIHFU9110
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

SIHFU9110 Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  SIHFU9110 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. SIHFU9110 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. SIHFU9110 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. SIHFU9110 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. SIHFU9110 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. SIHFU9110 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. SIHFU9110 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.kersemi.com
5
IRFR9110, IRFU9110, SiHFR9110, SiHFU9110
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
G
D.U.T.
- 10 V
V
DS
V
DD
V
GS
10 %
90 %
V
DS
t
d(on)
t
r
t
d(off)
t
f


Similar Part No. - SIHFU9110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFU9110 VISHAY-SIHFU9110 Datasheet
1Mb / 8P
   Power MOSFET
S-81392-Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
SIHFU9110 KERSEMI-SIHFU9110 Datasheet
3Mb / 7P
   Power MOSFET
SIHFU9110 KERSEMI-SIHFU9110 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating
logo
Vishay Siliconix
SiHFU9110 VISHAY-SiHFU9110 Datasheet
792Kb / 11P
   Power MOSFET
Rev. D, 04-Feb-13
SIHFU9110 VISHAY-SIHFU9110 Datasheet
845Kb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - SIHFU9110

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com