Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF730B Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # IRF730B
Description  400V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF730B Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRF730B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF730B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF730B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF730B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF730B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF730B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF730B Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF730B Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF730B Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
0
3
6
9
12
15
18
0
1
2
3
4
5
V
GS = 20V
V
GS = 10V
※ Note : T
J = 25
I
D, Drain Current [A]
24
68
10
10
-1
10
0
10
1
150
oC
25
o
C
-55
oC
※ Notes :
1. V
DS = 40V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
Bottom:
5.0 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
0
3
6
9
12
15
18
21
24
27
0
2
4
6
8
10
12
V
DS = 200V
V
DS = 80V
V
DS = 320V
※ Note : I
D = 5.5 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
500
1000
1500
2000
C
oss
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
iss
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Similar Part No. - IRF730B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF730B FAIRCHILD-IRF730B Datasheet
898Kb / 10P
   400V N-Channel MOSFET
logo
Inchange Semiconductor ...
IRF730B ISC-IRF730B Datasheet
201Kb / 2P
   N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRF730B VISHAY-IRF730B Datasheet
293Kb / 8P
   D Series Power MOSFET
Rev. A, 18-Jun-12
IRF730B VISHAY-IRF730B Datasheet
173Kb / 8P
   D Series Power MOSFET
01-Jan-2022
IRF730B VISHAY-IRF730B_V01 Datasheet
173Kb / 8P
   D Series Power MOSFET
01-Jan-2022
More results

Similar Description - IRF730B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com