Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF830A Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRF830A
Description  Low Gate Charge Qg Results in Simple Drive Requirement
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF830A Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRF830A Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF830A Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF830A Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF830A Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF830A Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF830A Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF830A Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
IRF830A, SiHF830A
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80 % VDS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.50
-
Maximum Junction-to-Case (Drain)
RthJC
-1.7
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
500
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.60
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
-
4.5
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
25
µA
VDS = 400 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 3.0 Ab
--
1.4
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 3.0 Ab
2.8
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-620
-
pF
Output Capacitance
Coss
-93-
Reverse Transfer Capacitance
Crss
-4.3
-
Output Capacitance
Coss
VGS = 0 V; VDS = 1.0 V, f = 1.0 MHz
886
Output Capacitance
Coss
VGS = 0 V; VDS = 400 V, f = 1.0 MHz
27
Effective Output Capacitance
Coss eff.
VGS = 0 V; VDS = 0 V to 400 Vc
39
Total Gate Charge
Qg
VGS = 10 V
ID = 5.0 A, VDS = 400 V,
see fig. 6 and 13b
--
24
nC
Gate-Source Charge
Qgs
--
6.3
Gate-Drain Charge
Qgd
--
11
Turn-On Delay Time
td(on)
VDD = 250 V, ID = 5.0 A,
RG = 14 Ω, RD = 49 Ω, see fig. 10b
-10-
ns
Rise Time
tr
-21-
Turn-Off Delay Time
td(off)
-21-
Fall Time
tf
-15-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
5.0
A
Pulsed Diode Forward Currenta
ISM
--
20
Body Diode Voltage
VSD
TJ = 25 °C, IS = 5.0 A, VGS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 5.0 A, dI/dt = 100 A/µsb
-
430
650
ns
Body Diode Reverse Recovery Charge
Qrr
-
1.62
2.4
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G
www.kersemi.com


Similar Part No. - IRF830A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF830A IRF-IRF830A Datasheet
141Kb / 8P
   HEXFET Power MOSFET
IRF830A IRF-IRF830A Datasheet
108Kb / 8P
   SMPS MOSFET
logo
Vishay Siliconix
IRF830A VISHAY-IRF830A Datasheet
969Kb / 8P
   Power MOSFET
Rev. B, 02-Jun-08
IRF830A VISHAY-IRF830A Datasheet
1Mb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
logo
Inchange Semiconductor ...
IRF830A ISC-IRF830A Datasheet
280Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRF830A

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFB16N50K KERSEMI-IRFB16N50K Datasheet
2Mb / 7P
   Low Gate Charge Qg Results in Simple Drive Requirement
logo
Advanced Power Electron...
AP70T03AS A-POWER-AP70T03AS Datasheet
77Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP4951GM A-POWER-AP4951GM Datasheet
188Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP85T03GS,P-HF A-POWER-AP85T03GS,P-HF Datasheet
105Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GP A-POWER-AP9435GP Datasheet
99Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GM A-POWER-AP9435GM Datasheet
185Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP70L02GH A-POWER-AP70L02GH Datasheet
84Kb / 6P
   Low Gate Charge, Simple Drive Requirement
AP60T03GH,J A-POWER-AP60T03GH,J Datasheet
104Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP70T03AH A-POWER-AP70T03AH Datasheet
76Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP60T03AS A-POWER-AP60T03AS Datasheet
82Kb / 4P
   Simple Drive Requirement Low Gate Charge
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com