Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHF830A Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # SIHF830A
Description  Low Gate Charge Qg Results in Simple Drive Requirement
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

SIHF830A Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  SIHF830A Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. SIHF830A Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. SIHF830A Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. SIHF830A Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. SIHF830A Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. SIHF830A Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. SIHF830A Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IRF830A, SiHF830A
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
G
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
A
R
G
IAS
0.01
Ω
tp
D.U.T.
L
VDS
+
- VDD
Driver
15 V
20 V
IAS
VDS
tp
www.kersemi.com


Similar Part No. - SIHF830A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHF830A VISHAY-SIHF830A Datasheet
969Kb / 8P
   Power MOSFET
Rev. B, 02-Jun-08
SiHF830A VISHAY-SiHF830A Datasheet
1Mb / 9P
   Power MOSFET
Rev. C, 21-Mar-11
SIHF830A-E3 VISHAY-SIHF830A-E3 Datasheet
969Kb / 8P
   Power MOSFET
Rev. B, 02-Jun-08
SIHF830AL VISHAY-SIHF830AL Datasheet
159Kb / 8P
   Power MOSFET
S-81352-Rev. A, 16-Jun-08
SIHF830AL VISHAY-SIHF830AL Datasheet
242Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - SIHF830A

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFB16N50K KERSEMI-IRFB16N50K Datasheet
2Mb / 7P
   Low Gate Charge Qg Results in Simple Drive Requirement
logo
Advanced Power Electron...
AP70T03AS A-POWER-AP70T03AS Datasheet
77Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP4951GM A-POWER-AP4951GM Datasheet
188Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP85T03GS,P-HF A-POWER-AP85T03GS,P-HF Datasheet
105Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GP A-POWER-AP9435GP Datasheet
99Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GM A-POWER-AP9435GM Datasheet
185Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP70L02GH A-POWER-AP70L02GH Datasheet
84Kb / 6P
   Low Gate Charge, Simple Drive Requirement
AP60T03GH,J A-POWER-AP60T03GH,J Datasheet
104Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP70T03AH A-POWER-AP70T03AH Datasheet
76Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP60T03AS A-POWER-AP60T03AS Datasheet
82Kb / 4P
   Simple Drive Requirement Low Gate Charge
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com