Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF1404PBF Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # IRF1404PBF
Description  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF1404PBF Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRF1404PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF1404PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF1404PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF1404PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF1404PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF1404PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF1404PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF1404PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF1404PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF1404PbF
4
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
50
100
150
200
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
121A
V
= 20V
DS
V
= 32V
DS
0.1
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°
1
10
100
1000
10000
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
1
10
100
VDS, Drain-to-Source Voltage (V)
0
2000
4000
6000
8000
10000
Coss
Crss
Ciss
VGS = 0V, f = 1 MHZ
Ciss = Cgs+ Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds+ Cgd
www.kersemi.com


Similar Part No. - IRF1404PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1404PBF IRF-IRF1404PBF Datasheet
201Kb / 10P
   HEXFET짰 Power MOSFET
IRF1404PBF IRF-IRF1404PBF Datasheet
214Kb / 9P
   Advanced Process Technology
IRF1404PBF IRF-IRF1404PBF_15 Datasheet
214Kb / 9P
   Advanced Process Technology
More results

Similar Description - IRF1404PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com