Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS9947 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NDS9947
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS9947 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NDS9947 Datasheet HTML 1Page - Fairchild Semiconductor NDS9947 Datasheet HTML 2Page - Fairchild Semiconductor NDS9947 Datasheet HTML 3Page - Fairchild Semiconductor NDS9947 Datasheet HTML 4Page - Fairchild Semiconductor NDS9947 Datasheet HTML 5Page - Fairchild Semiconductor NDS9947 Datasheet HTML 6Page - Fairchild Semiconductor NDS9947 Datasheet HTML 7Page - Fairchild Semiconductor NDS9947 Datasheet HTML 8Page - Fairchild Semiconductor NDS9947 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = -250 µA
-20
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = -16 V, VGS = 0 V
-1
µA
T
J = 55°C
-10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS= 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = -250 µA
-1
-2.2
-3
V
T
J = 125°C
-0.8
-1.9
-2.5
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = -10 V, ID = -3.5 A
0.08
0.1
T
J = 125°C
0.11
0.16
V
GS = -4.5 V, ID = -1 A
0.165
0.19
I
D(on)
On-State Drain Current
V
GS = -10 V, VDS = -5 V
-14
A
g
FS
Forward Transconductance
V
DS = -15 V, ID = -3.5 A
5
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = -10 V, VGS = 0 V,
f = 1.0 MHz
785
pF
C
oss
Output Capacitance
500
pF
C
rss
Reverse Transfer Capacitance
245
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DD = -10 V, ID = -1 A,
V
GEN = -10 V, RGEN = 6
9
40
ns
t
r
Turn - On Rise Time
17
25
ns
t
D(off)
Turn - Off Delay Time
26
30
ns
t
f
Turn - Off Fall Time
13
20
ns
Q
g
Total Gate Charge
V
DS = -10 V,
I
D = -3.5 A, VGS = -10 V
19
30
nC
Q
gs
Gate-Source Charge
6
nC
Q
gd
Gate-Drain Charge
12
nC
NDS9947.SAM


Similar Part No. - NDS9947

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS9947 FAIRCHILD-NDS9947 Datasheet
141Kb / 5P
   Dual 20V P-Channel PowerTrench MOSFET
NDS9947 FAIRCHILD-NDS9947_02 Datasheet
141Kb / 5P
   Dual 20V P-Channel PowerTrench MOSFET
More results

Similar Description - NDS9947

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com