Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHFU430A-E3 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # SIHFU430A-E3
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

SIHFU430A-E3 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  SIHFU430A-E3 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. SIHFU430A-E3 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. SIHFU430A-E3 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. SIHFU430A-E3 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. SIHFU430A-E3 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. SIHFU430A-E3 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. SIHFU430A-E3 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.kersemi.com
1
Power MOSFET
IRFR430A, IRFU430A, SiHFR430A, SiHFU430A
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
and Current
• Effective Coss Specified
• Lead (Pb)-free Available
APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Uninterruptible Power Supply
• High Speed Power Switching
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 11 mH, RG = 25 Ω, IAS = 5.0 A (see fig. 12).
c. ISD ≤ 5.0 A, dI/dt ≤ 320 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
500
RDS(on) (Ω)VGS = 10 V
1.7
Qg (Max.) (nC)
24
Qgs (nC)
6.5
Qgd (nC)
13
Configuration
Single
N-Channel MOSFET
G
D
S
DPAK
(TO-252)
IPAK
(TO-251)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
IPAK (TO-251)
Lead (Pb)-free
IRFR430APbF
IRFR430ATRPbFa
IRFR430ATRLPbFa
IRFR430ATRRPbFa
IRFU430APbF
SiHFR430A-E3
SiHFR430AT-E3a
SiHFR430ATL-E3a
SiHFR430ATR-E3a
SiHFU430A-E3
SnPb
IRFR430A
IRFR430ATRa
IRFR430ATRLa
IRFR430ATRRa
IRFU430A
SiHFR430A
SiHFR430ATa
SiHFR430ATLa
SiHFR430ATRa
SiHFU430A
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
5.0
A
TC = 100 °C
3.2
Pulsed Drain Currenta
IDM
20
Linear Derating Factor
0.91
W/°C
Single Pulse Avalanche Energyb
EAS
130
mJ
Repetitive Avalanche Currenta
IAR
5.0
A
Repetitive Avalanche Energya
EAR
11
mJ
Maximum Power Dissipation
TC = 25 °C
PD
110
W
Peak Diode Recovery dV/dtc
dV/dt
3.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d


Similar Part No. - SIHFU430A-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFU430A-E3 VISHAY-SIHFU430A-E3 Datasheet
158Kb / 8P
   Power MOSFET
S-81366-Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
SIHFU430A-E3 KERSEMI-SIHFU430A-E3 Datasheet
2Mb / 7P
   Power MOSFET
SIHFU430A-E3 KERSEMI-SIHFU430A-E3 Datasheet
2Mb / 7P
   Power MOSFET
More results

Similar Description - SIHFU430A-E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com