Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU120N Datasheet(PDF) 9 Page - Kersemi Electronic Co., Ltd.

Part # IRFU120N
Description  Surface Mount (IRFR120N)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU120N Datasheet(HTML) 9 Page - Kersemi Electronic Co., Ltd.

Back Button IRFU120N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU120N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU120N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU120N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU120N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU120N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU120N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU120N Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFU120N Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRFR/U120N
www.kersemi.com
9
Package Outline
TO-251AA Outline
Dimensions are shown in millimeters (inches)
TO-251AA (I-PARK)
Part Marking Information
6.7 3 (.265 )
6.3 5 (.250 )
- A -
6 .22 (.24 5)
5 .97 (.23 5)
- B -
3X
0.8 9 (.035 )
0.6 4 (.025 )
0 .2 5 (.0 1 0 )
M
A M B
2 .28 (.09 0)
1 .14 (.0 45)
0 .76 (.0 30)
5.46 (.2 1 5 )
5.21 (.2 0 5 )
1.2 7 (.050 )
0.8 8 (.035 )
2.38 (.0 9 4 )
2.19 (.0 8 6 )
1.14 (.0 4 5 )
0.89 (.0 3 5 )
0.58 (.0 2 3 )
0.46 (.0 1 8 )
L E A D AS SIG N M E N T S
1 - G A T E
2 - D R A IN
3 - S O URCE
4 - D R A IN
NO T E S :
1 DIM E NSIO NING & T O L E R A NCING P E R ANS I Y1 4 .5 M , 1 9 8 2 .
2 CO NT R O L L IN G DIM E NS IO N : INCH.
3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A .
4 DIM E NSIO NS SH O W N ARE BE F O R E S O L D E R DIP ,
S O L D E R D IP M A X . + 0 .1 6 (.0 0 6 ).
9 .65 (.38 0)
8 .89 (.35 0)
2X
3X
2.2 8 (.09 0)
1.9 1 (.07 5)
1 .52 (.06 0)
1 .15 (.04 5)
4
1
2
3
6 .45 (.2 45)
5 .68 (.2 24)
0.58 (.0 2 3 )
0.46 (.0 1 8 )
IN TE R N A T IO N A L
R E C TIF IE R
LO G O
A S S E M B L Y
L O T
C O D E
F IRS T P O RTIO N
O F PAR T N U M BE R
SEC O N D PO R TIO N
O F PAR T N U M BER
12 0
9 U
1 P
E X A M P L E :
TH IS IS A N IR F U 1 2 0
W IT H A S S E M B L Y
L O T C O D E 9 U 1 P
IR F U


Similar Part No. - IRFU120N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU120N IRF-IRFU120N Datasheet
152Kb / 10P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRFU120N ISC-IRFU120N Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFU120NPBF IRF-IRFU120NPBF Datasheet
395Kb / 11P
   Fast Switching
logo
Kersemi Electronic Co.,...
IRFU120NPBF KERSEMI-IRFU120NPBF Datasheet
3Mb / 10P
   Surface Mount (IRFR120N) Straight Lead (IRFU120N)
logo
VBsemi Electronics Co.,...
IRFU120NPBF VBSEMI-IRFU120NPBF Datasheet
1Mb / 9P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - IRFU120N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR120NCLPBF IRF-IRFR120NCLPBF Datasheet
396Kb / 11P
   Surface Mount (IRFR120N)
logo
Kersemi Electronic Co.,...
IRFR120NPBF KERSEMI-IRFR120NPBF Datasheet
3Mb / 10P
   Surface Mount (IRFR120N) Straight Lead (IRFU120N)
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com